Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20134ASP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R2A20134ASP
Description  LED Lighting Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134ASP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R2A20134ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 10Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 11Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 12Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 13Page - Renesas Technology Corp R2A20134ASP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
R2A20134ASP
R03DS0067EJ0301 Rev.3.01
Page 12 of 13
Jan 08, 2016
2.2 Waveforms of LED Open Protection (2nd OCP)
Vout
LED Open
0.6V
Vcs
2.5V
OUT
VCC
9.2V
12V
2.3 Waveforms of Transfer Short Protection
Vout
Transfer short
Vcs
OUT
VCC
9.2V
12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com