Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC768 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P87LPC768 Datasheet HTML 13Page - NXP Semiconductors P87LPC768 Datasheet HTML 14Page - NXP Semiconductors P87LPC768 Datasheet HTML 15Page - NXP Semiconductors P87LPC768 Datasheet HTML 16Page - NXP Semiconductors P87LPC768 Datasheet HTML 17Page - NXP Semiconductors P87LPC768 Datasheet HTML 18Page - NXP Semiconductors P87LPC768 Datasheet HTML 19Page - NXP Semiconductors P87LPC768 Datasheet HTML 20Page - NXP Semiconductors P87LPC768 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
15
Internal Reference Voltage
An internal reference voltage generator may supply a default
reference when a single comparator input pin is used. The value of
the internal reference voltage, referred to as Vref, is 1.28 V ±10%.
Comparator Interrupt
Each comparator has an interrupt flag CMFn contained in its
configuration register. This flag is set whenever the comparator
output changes state. The flag may be polled by software or may be
used to generate an interrupt. The interrupt will be generated when
the corresponding enable bit ECn in the IEN1 register is set and the
interrupt system is enabled via the EA bit in the IEN0 register.
Comparators and Power Reduction Modes
Either or both comparators may remain enabled when Power Down
or Idle mode is activated. The comparators will continue to function
in the power reduction mode. If a comparator interrupt is enabled, a
change of the comparator output state will generate an interrupt and
wake up the processor. If the comparator output to a pin is enabled,
the pin should be configured in the push-pull mode in order to obtain
fast switching times while in power down mode. The reason is that
with the oscillator stopped, the temporary strong pull-up that
normally occurs during switching on a quasi-bidirectional port pin
does not take place.
Comparators consume power in Power Down and Idle modes, as
well as in the normal operating mode. This fact should be taken into
account when system power consumption is an issue.
Comparator Configuration Example
The code shown in Figure 7 is an example of initializing one
comparator. Comparator 1 is configured to use the CIN1A and
CMPREF inputs, outputs the comparator result to the CMP1 pin,
and generates an interrupt when the comparator output changes.
The interrupt routine used for the comparator must clear the
interrupt flag (CMF1 in this case) before returning.
SU01189
CmpInit:
mov
PT0AD,#30h
; Disable digital inputs on pins that are used
;
for analog functions: CIN1A, CMPREF.
anl
P0M2,#0cfh
; Disable digital outputs on pins that are used
orl
P0M1,#30h
;
for analog functions: CIN1A, CMPREF.
mov
CMP1,#24h
; Turn on comparator 1 and set up for:
;
– Positive input on CIN1A.
;
– Negative input from CMPREF pin.
;
– Output to CMP1 pin enabled.
call
delay10us
; The comparator has to start up for at
;
least 10 microseconds before use.
anl
CMP1,#0feh
; Clear comparator 1 interrupt flag.
setb
EC1
; Enable the comparator 1 interrupt. The
;
priority is left at the current value.
setb
EA
; Enable the interrupt system (if needed).
ret
; Return to caller.
Figure 7.
Pulse Width Modulator
The 87LPC768 contains four Pulse Width Modulated (PWM)
channels which generate pulses of programmable length and
interval. The output for PWM0 is on P0.1, PWM1 on P1.6, PWM2
on P1.7 and PWM3 on P0.1. After chip reset the internal output of
the each PWM channel is a “1.” Note that the state of the pin will
not reflect this if UCFG1.5, PRHI, is set to a zero. In this case
before the pin will reflect the state of the internal PWM output a “1”
must be written to each port bit that serves as a PWM output. A
block diagram is shown in Figure 8.
The interval between successive outputs is controlled by a 10–bit
down counter which uses the internal microcontroller clock as its
input. When bit 3 in the UCFG1 register is a “1” the microcontroller
clock, and therefore the PWM counter clock, has the same
frequency as the clock source defined by the FOSC bits in UCFG1.
When bit 3 in the UCFG1 register is a “0” the microcontroller and
PWM counter clocks operate at half the frequency of clock source
defined by the FOSC bits in UCFG1. When the counter reaches
underflow it is reloaded with a user selectable value. This
mechanism allows the user to set the PWM frequency at any integer
sub–multiple of the microcontroller clock frequency. The repetition
frequency of the PWM is given by:
fPWM = FC / (CNSW+1)
where CNSW is contained in CNSW0 and CNSW1 as described in
the following tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com