Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307EVMP/D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # DSP56307EVMP/D
Description  DSP56307EVM Evaluation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307EVMP/D Datasheet(HTML) 3 Page - NXP Semiconductors

  DSP56307EVMP/D Datasheet HTML 1Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 2Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 3Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 4Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 5Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 6Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 7Page - NXP Semiconductors DSP56307EVMP/D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DSP56307
MOTOROLA
DSP56307EVM Product Brief
3
–
On-chip memories
•
64K on-chip RAM total
•
Program RAM, instruction cache, X data RAM, and Y data RAM are programmable:
•
192 x 24-bit bootstrap ROM
–
Off-chip memory expansion
•
Data memory expansion to two memory spaces of 16M
× 24-bit words each
–
16M x 24-bit for DRAM
–
4M x 24-bit for SRAM
•
Program memory expansion to one memory space of 16M
× 24-bit words
–
16M x 24-bit for DRAM
–
4M x 24-bit for SRAM
•
External memory expansion port
•
Chip select logic for glueless interface to static random access memory (SRAM)
•
On-chip DRAM Controller for glueless interface to dynamic random access memory
(DRAM)
–
On-chip peripherals
•
Enhanced DSP56000-like 8-bit parallel Host Interface (HI08)
•
Two Enhanced Synchronous Serial Interfaces (ESSI)
•
Serial Communications Interface (SCI) with baud rate generator
•
Triple timer module
•
Up to 34 programmable General-Purpose Input/Output (GPIO) pins, depending on which
peripherals are enabled
Program RAM
Size
Instruction
Cache Size
X Data RAM
Size*
Y Data RAM
Size*
Instruction
Cache
Switch
Mode
MSW1 MSW0
16K
× 24-bit
0
24K
× 24-bit
24K
× 24-bit
disabled
disabled
0/1
0/1
15K
× 24-bit
1024
× 24-bit
24K
× 24-bit
24K
× 24-bit
enabled
disabled
0/1
0/1
48K
× 24-bit
0
8K
× 24-bit
8K
× 24-bit
disabled
enabled
0
0
47K
× 24-bit
1024
× 24-bit
8K
× 24-bit
8K
× 24-bit
enabled
enabled
0
0
40K
× 24-bit
0
12K
× 24-bit
12K
× 24-bit
disabled
enabled
0
1
39K
× 24-bit
1024
× 24-bit
12K
× 24-bit
12K
× 24-bit
enabled
enabled
0
1
32K
× 24-bit
0
16K
× 24-bit
16K
× 24-bit
disabled
enabled
1
0
31K
× 24-bit
1024
× 24-bit
16K
× 24-bit
16K
× 24-bit
enabled
enabled
1
0
24K
× 24-bit
0
20K
× 24-bit
20K
× 24-bit
disabled
enabled
1
1
23K
× 24-bit
1024
× 24-bit
20K
× 24-bit
20K
× 24-bit
enabled
enabled
1
1
*Includes 4 K
× 24-bit shared memory (i.e., memory shared by the core and the EFCOP)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com