| Electronic Components Datasheet Search |
|
DSP56652UM/D Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56652UM/D Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 76 page ![]() Preliminary 1-20 DSP56652 Technical Data Sheet MOTOROLA Pin and Signal Descriptions DSP56652 Signal Description Normal: MUX_CTL driven low INT6 STDA DSR Input or Output Output Output Input Interrupt 6 ÑWhen selected, this signal can be programmed as an interrupt input or a GPIO signal, and has a 47k W pull-up resistor. As a Schmitt trigger interrupt input, the signal can be programmed to be level sensitive, positive edge-triggered, or negative edge- triggered. When edge-triggered, triggering occurs at a voltage level and is not directly related to the fall time of the interrupt signal; however, as signal fall time of the interrupt signal increases, the probability of generating multiple interrupts due to this noise also increases. Audio codec serial transmit data (alternate)ÑWhen programmed as STDA, this signal transmits data from the serial transmit shift register in the serial audio codec port. Note: When this signal is used as STDA, the primary STDA signal is disabled. (See Table 1-18 on page 1-31.) Data set ready ÑWhen programmed as GPIO output, this signal can be used as the DSR output for the serial data port. (See Table 1-15 on page 1-26) The signal is a GPIO when not programmed as one of the above functions. After reset, the default state for this signal is GPI. Alternate: MUX_CTL driven high TRST Input Input Test Reset ÑWhen selected, this signal acts as the TRST input for the JTAG TAP controller. The signal is a Schmitt trigger input that asynchronously initializes the JTAG test controller when asserted. Note: When this signal is enabled, the primary TRST signal is disconnected from the TAP controller. (See Table 1-22 on page 1-36.) Table 1-12 Interrupt Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |