Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC2364 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2364 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 8Page - NXP Semiconductors LPC2364 Datasheet HTML 9Page - NXP Semiconductors LPC2364 Datasheet HTML 10Page - NXP Semiconductors LPC2364 Datasheet HTML 11Page - NXP Semiconductors LPC2364 Datasheet HTML 12Page - NXP Semiconductors LPC2364 Datasheet HTML 13Page - NXP Semiconductors LPC2364 Datasheet HTML 14Page - NXP Semiconductors LPC2364 Datasheet HTML 15Page - NXP Semiconductors LPC2364 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
LPC2364_66_68_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 September 2006
12 of 48
Philips Semiconductors
LPC2364/2366/2368
Fast communication chip
7. Functional description
7.1 Architectural overview
The LPC2364/66/68 microcontroller consists of an ARM7TDMI-S CPU with emulation
support, the ARM7 Local Bus for closely coupled, high speed access to the majority of
on-chip memory, the AMBA Advanced High-performance Bus (AHB) interfacing to high
speed on-chip peripherals, and the AMBA Advanced Peripheral Bus (APB) for connection
to other on-chip peripheral functions. The microcontroller permanently configures the
ARM7TDMI-S processor for little-endian byte order.
TDI
2
I
TDI — Test Data in for JTAG interface.
TMS
3
I
TMS — Test Mode Select for JTAG interface.
TRST
4I
TRST — Test Reset for JTAG interface.
TCK
5
I
TCK — Test Clock for JTAG interface.
RTCK
100
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2.9:0) to operate as
Trace port after reset.
RSTOUT
14
O
RSTOUT — LOW on this pin indicates LPC2364/66/68 being in Reset state.
RESET
17
I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at address
0. TTL with hysteresis, 5 V tolerant.
X1
22
I
Input to the oscillator circuit and internal clock generator circuits.
X2
23
O
Output from the oscillator amplifier.
RTCX1
16
I
Input to the RTC oscillator circuit.
RTCX2
18
O
Output from the RTC oscillator circuit.
VSS
15, 31,
41, 55,
72, 97,
83
I
Ground: 0 V reference
VSSA
11
I
Analog Ground: 0 V reference. This should nominally be the same voltage as VSS, but
should be isolated to minimize noise and error.
VDD(3V3)
28, 54,
71, 96,
I
3.3 V Power Supply: This is the power supply voltage for the I/O ports.
VDCDC(3V3)
13, 42,
84
I
3.3 V DC-to-DC Power Supply: This is the power supply for the on-chip DC-to-DC
converter only. If the DC-to-DC is not used, these pins must be unconnected.
VDDA
10
I
Analog 3.3 V Power Supply: This should be nominally the same voltage as VDD but
should be isolated to minimize noise and error. This voltage is used to power the ADC
and DAC.
VREF
12
I
ADC Reference: This should be nominally the same voltage as VDD but should be
isolated to minimize noise and error. Level on this pin is used as a reference for ADC
and DAC.
VBAT
19
I
RTC Power Supply: 3.3 V on this pin supplies the power to the RTC.
Table 3.
Pin description …continued
Symbol
Pin
location
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com