Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC80C31BAGA44 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC80C31BAGA44
Description  CMOS single-chip 8-bit microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC80C31BAGA44 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC80C31BAGA44 Datasheet HTML 12Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 13Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 14Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 15Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 16Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 17Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 18Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 19Page - NXP Semiconductors SC80C31BAGA44 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
16
AC ELECTRICAL CHARACTERISTICS FOR PHILIPS NORTH AMERICA DEVICES (SC80C31 AND SC80C51)
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10%, VSS = 0V1, 2, 3
24MHz CLOCK
VARIABLE CLOCK4
33MHz CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
1
Oscillator frequency
Speed versions : P (24MHz)
: Y (33MHz)
3.5
24
3.5
33
3.5
33
MHz
tLHLL
1
ALE pulse width
43
2tCLCL–40
21
ns
tAVLL
1
Address valid to ALE low
17
tCLCL–25
5
ns
tLLAX
1
Address hold after ALE low
17
tCLCL–25
ns
tLLIV
1
ALE low to valid instruction in
102
4tCLCL–65
55
ns
tLLPL
1
ALE low to PSEN low
17
tCLCL–25
5
ns
tPLPH
1
PSEN pulse width
80
3tCLCL–45
45
ns
tPLIV
1
PSEN low to valid instruction in
65
3tCLCL–60
30
ns
tPXIX
1
Input instruction hold after PSEN
0
0
0
ns
tPXIZ
1
Input instruction float after PSEN
17
tCLCL–25
5
ns
tAVIV
1
Address to valid instruction in
128
5tCLCL–80
70
ns
tPLAZ
1
PSEN low to address float
10
10
10
ns
Data Memory
tRLRH
2, 3
RD pulse width
150
6tCLCL–100
82
ns
tWLWH
2, 3
WR pulse width
150
6tCLCL–100
82
ns
tRLDV
2, 3
RD low to valid data in
118
5tCLCL–90
60
ns
tRHDX
2, 3
Data hold after RD
0
0
0
ns
tRHDZ
2, 3
Data float after RD
55
2tCLCL–28
32
ns
tLLDV
2, 3
ALE low to valid data in
183
8tCLCL–150
90
ns
tAVDV
2, 3
Address to valid data in
210
9tCLCL–165
105
ns
tLLWL
2, 3
ALE low to RD or WR low
75
175
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
2, 3
Address valid to WR low or RD low
92
4tCLCL–75
45
ns
tQVWX
2, 3
Data valid to WR transition
12
tCLCL–30
0
ns
tWHQX
2, 3
Data hold after WR
17
tCLCL–25
5
ns
tQVWH
3
Data valid to WR high
162
7tCLCL–130
80
ns
tRLAZ
2, 3
RD low to address float
0
0
0
ns
tWHLH
2, 3
RD or WR high to ALE high
17
67
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
5
High time
17
17
tCLCL–tCLCX
ns
tCLCX
5
Low time
17
17
tCLCL–tCHCX
ns
tCLCH
5
Rise time
5
5
ns
tCHCL
5
Fall time
5
5
ns
Shift Register
tXLXL
4
Serial port clock cycle time
505
12tCLCL
360
ns
tQVXH
4
Output data setup to clock rising edge
283
10tCLCL–133
167
ns
tXHQX
4
Output data hold after clock rising edge
3
2tCLCL–80
ns
tXHDX
4
Input data hold after clock rising edge
0
0
0
ns
tXHDV
4
Clock rising edge to input data valid
283
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the SC80C31/51 to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.
4. Variable clock is specified for oscillator frequencies greater than 16MHz to 33MHz. For frequencies equal or less than 16MHz, see 16MHz
“AC Electrial Characteristics”, page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com