Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-VT3700 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VT3700
Description  Accelerometer PCE-VT 3700
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VT3700 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VT3700 Datasheet HTML 1Page - PCE Instruments. PCE-VT3700 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
Acceleration
 
0.0 - 399.9 m/s² / 0.0 - 15744 in/s²
Resolution
0.1 m/s² / 3.94 in/s²
Accuracy @ 160 Hz
±2 %
Frequency range
1 kHz - 10 kHz
 
10 Hz - 10 kHz
 
 
Measuring range
Velocity
 
0.00 - 399.99 mm/s / 0.00 - 15.74 in/s
Resolution
0.01 mm/s / 0.0039 in/s
Accuracy @ 160 Hz
±2 %
Frequency range
10 Hz - 1 kHz
 
 
Measuring range
Displacement
 
0.000 - 3.999 mm / 0.000 - 0.154 in
Resolution
1 µm / 39.4 µin
Accuracy @ 160 Hz
±2 %
Frequency range
10 Hz - 200 Hz
 
 
Measurement parameters
RMS, Peak, Peak-Peak
 
Crest factor
Units
switchable metric / imperial
Display
2.4" LC display
Menu languages
English, German, French
 
Spanish, Italian, Dutch
 
Portuguese, Turkish, Polish
 
Russian, Chinese, Japanese
Power supply
3 x 1.5 V AA batteries
Operating and storage conditions
-20 ... +65 °C / -4 ... 149 °F; 10 ... 95 % r.H.
Dimensions
150 x 80 x 38 mm / 5.9 x 3.1 x 1.5"
Weight
170 g / 6 oz
 
 
Technical Data Vibration Sensor
Resonance frequency
24 kHz
Transverse sensitivity
≤ 5%
Destruction limit
5000 g (peak)
Operating and storage temperature   -55 ... +150 °C / -67 ... 302 °F
Housing material
stainless steel
Mounting thread
¼ - 28“
Dimensions
Ø 17 x 46 mm / 0.67 x 1.8"
Weight (without cable)
52 g / 1.8 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com