Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEB22N06 Datasheet(PDF) 1 Page - CET-MOS Technology Corp.

Part # CEB22N06
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEB22N06 Datasheet(HTML) 1 Page - CET-MOS Technology Corp.

  CEB22N06 Datasheet HTML 1Page - CET-MOS Technology Corp. CEB22N06 Datasheet HTML 2Page - CET-MOS Technology Corp. CEB22N06 Datasheet HTML 3Page - CET-MOS Technology Corp. CEB22N06 Datasheet HTML 4Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N-Channel Enhancement Mode Field Effect Transistor
CEP22N06/CEB22N06
FEATURES
60V, 21.8A, RDS(ON) = 50mΩ @VGS = 10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
TO-220 & TO-263 package.
1
S
G
D
G
S
S
D
D
G
CEB SERIES
TO-263(DD-PAK)
CEP SERIES
TO-220
Lead-free plating ; RoHS compliant.
http://www.cet-mos.com
RDS(ON) = 60mΩ @VGS = 5V.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
60
0.4
50
87.2
21.8
±20
V
W
A
A
V
W/ C
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Rev 1. 2015.Nov.
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
50
2.5
RθJC
RθJA
PRELIMINARY
This is preliminary information on a new product in development now .
Details are subject to change without notice .


Similar Part No. - CEB22N06

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEB200N15 CET-MOS-CEB200N15 Datasheet
514Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.Oct
logo
Chino-Excel Technology
CEB20N06 CET-CEB20N06 Datasheet
86Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
CEB20N06 CET-CEB20N06 Datasheet
417Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEB20N65S CET-MOS-CEB20N65S Datasheet
659Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2018.Jan
CEB20N65SA CET-MOS-CEB20N65SA Datasheet
529Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.Aug
More results

Similar Description - CEB22N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com