Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA221 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA221
Description  High-speed diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA221 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA221 Datasheet HTML 1Page - NXP Semiconductors BA221 Datasheet HTML 2Page - NXP Semiconductors BA221 Datasheet HTML 3Page - NXP Semiconductors BA221 Datasheet HTML 4Page - NXP Semiconductors BA221 Datasheet HTML 5Page - NXP Semiconductors BA221 Datasheet HTML 6Page - NXP Semiconductors BA221 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Sep 03
3
Philips Semiconductors
Product specification
High-speed diode
BA221
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed circuit-board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF =1mA
−
625
mV
IF = 100 mA
−
950
mV
IF = 200 mA
−
1050
mV
IR
reverse current
see Fig.5
VR =10V
−
25
nA
VR =30V
−
200
nA
VR =10V; Tj = 150 °C
−
50
µA
VR =30V; Tj = 150 °C
−
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
−
2.5
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 60 mA; RL = 100 Ω;
measured at IR = 1 mA; see Fig.7
−
4ns
Vfr
forward recovery voltage
when switched from IF = 400 mA;
tr = 30 ns; see Fig.8
−
2.0
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
500
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com