Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA14530 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 17Page - Renesas Technology Corp DA14530 Datasheet HTML 18Page - Renesas Technology Corp DA14530 Datasheet HTML 19Page - Renesas Technology Corp DA14530 Datasheet HTML 20Page - Renesas Technology Corp DA14530 Datasheet HTML 21Page - Renesas Technology Corp DA14530 Datasheet HTML 22Page - Renesas Technology Corp DA14530 Datasheet HTML 23Page - Renesas Technology Corp DA14530 Datasheet HTML 24Page - Renesas Technology Corp DA14530 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
21 of 332
© 2021 Renesas Electronics
Pin
no.
Pin Name
Type
Reset
State
Description
12
P0_2
DIO (Type B)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
ADC1
AI
INPUT. Analog to Digital Converter input 1.
SWCLK
DIO
INPUT JTAG clock signal (by default).
13
P0_3
DIO (Type B)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down. Check GP_DATA_REG[P03_P04_FILT_DIS] for
correct pad filter settings.
XTAL32kp
AI
INPUT. Analog input of the XTAL32K crystal oscillator.
DI
INPUT. Digital input for an external clock (square
wave).
14
P0_4
DIO (Type B)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down. Check GP_DATA_REG[P03_P04_FILT_DIS] for
correct pad filter settings.
XTAL32km
AO
OUTPUT. Analog output of the XTAL32K crystal
oscillator.
24
P0_5
DIO (Type B)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
22
P0_6
DIO (Type A)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
ADC2
AI
INPUT. Analog to Digital Converter input 2.
15
P0_7
DIO (Type A)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
ADC3
AI
INPUT. Analog to Digital Converter input 3.
17
P0_8
DIO (Type A)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.
Contains state retention mechanism during power
down.
16
P0_9
DIO (Type A)
I-PD
INPUT/OUTPUT with selectable pull up/down resistors.
Pull-down enabled during and after reset. General
purpose I/O port bit or alternate function nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com