Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL5493CS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL5493CS
Description  Quad 300MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5493CS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL5493CS Datasheet HTML 6Page - Renesas Technology Corp EL5493CS Datasheet HTML 7Page - Renesas Technology Corp EL5493CS Datasheet HTML 8Page - Renesas Technology Corp EL5493CS Datasheet HTML 9Page - Renesas Technology Corp EL5493CS Datasheet HTML 10Page - Renesas Technology Corp EL5493CS Datasheet HTML 11Page - Renesas Technology Corp EL5493CS Datasheet HTML 12Page - Renesas Technology Corp EL5493CS Datasheet HTML 13Page - Renesas Technology Corp EL5493CS Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EL5493, EL5493A
FN7202 Rev 1.00
Page 13 of 14
April, 2003
Applications Information
Product Description
The EL5493 is a current-feedback operational amplifier that
offers a wide -3dB bandwidth of 300MHz and a low supply
current of 4mA per amplifier. The EL5493 works with supply
voltages ranging from a single 5V to 10V and they are also
capable of swinging to within 1V of either supply on the output.
Because of its current-feedback topology, the EL5493 does not
have the normal gain-bandwidth product associated with
voltage-feedback operational amplifiers. Instead, its -3dB
bandwidth to remain relatively constant as closed-loop gain is
increased. This combination of high bandwidth and low power,
together with aggressive pricing make the EL5493 the ideal
choice for many low-power/high-bandwidth applications such
as portable, handheld, or battery-powered equipment.
For varying bandwidth needs, consider the EL5191 with 1GHz
on a 9mA supply current or the EL5192 with 600MHz on a 6mA
supply current. Versions also include single, dual, triple, and
quad amp packages.
Power Supply Bypassing and Printed Circuit Board
Layout
As with any high frequency device, good printed circuit board
layout is necessary for optimum performance. Low impedance
ground plane construction is essential. Surface mount
components are recommended, but if leaded components are
used, lead lengths should be as short as possible. The power
supply pins must be well bypassed to reduce the risk of
oscillation. The combination of a 4.7µF tantalum capacitor in
parallel with a 0.01µF capacitor has been shown to work well
when placed at each supply pin.
For good AC performance, parasitic capacitance should be
kept to a minimum, especially at the inverting input. (See the
Capacitance at the Inverting Input section) Even when ground
plane construction is used, it should be removed from the area
near the inverting input to minimize any stray capacitance at
that node. Carbon or Metal-Film resistors are acceptable with
the Metal-Film resistors giving slightly less peaking and
bandwidth because of additional series inductance. Use of
sockets, particularly for the SO (0.150") package, should be
avoided if possible. Sockets add parasitic inductance and
capacitance which will result in additional peaking and
overshoot.
Disable/Power-Down
The EL5493A amplifier can be disabled placing its output in a
high impedance state. When disabled, the amplifier supply
current is reduced to < 600µA. The EL5493A is disabled when
its CE pin is pulled up to within 1V of the positive supply.
Similarly, the amplifier is enabled by floating or pulling its CE
pin to at least 3V below the positive supply. For ±5V supply,
this means that an EL5493A amplifier will be enabled when CE
is 2V or less, and disabled when CE is above 4V. Although the
logic levels are not standard TTL, this choice of logic voltages
allows the EL5493A to be enabled by tying CE to ground, even
in 5V single supply applications. The CE pin can be driven
from CMOS outputs.
Capacitance at the Inverting Input
Any manufacturer’s high-speed voltage- or current-feedback
amplifier can be affected by stray capacitance at the inverting
input. For inverting gains, this parasitic capacitance has little
effect because the inverting input is a virtual ground, but for
non-inverting gains, this capacitance (in conjunction with the
feedback and gain resistors) creates a pole in the feedback
path of the amplifier. This pole, if low enough in frequency, has
the same destabilizing effect as a zero in the forward open-
loop response. The use of large-value feedback and gain
resistors exacerbates the problem by further lowering the pole
frequency (increasing the possibility of oscillation.)
The EL5493 has been optimized with a 475
 feedback
resistor. With the high bandwidth of these amplifiers, these
resistor values might cause stability problems when combined
with parasitic capacitance, thus ground plane is not
recommended around the inverting input pin of the amplifier.
Feedback Resistor Values
The EL5493 has been designed and specified at a gain of +2
with RF approximately 500. This value of feedback resistor
gives 200MHz of -3dB bandwidth at AV=2 with 2dB of peaking.
With AV=-2, an RF of approximately 500 gives 175MHz of
bandwidth with 0.2dB of peaking. Since the EL5493 is a
current-feedback amplifier, it is also possible to change the
value of RF to get more bandwidth. As seen in the curve of
Frequency Response for Various RF and RG, bandwidth and
peaking can be easily modified by varying the value of the
feedback resistor.
Because the EL5493 is a current-feedback amplifier, its gain-
bandwidth product is not a constant for different closed-loop
gains. This feature actually allows the EL5493 to maintain
about the same -3dB bandwidth. As gain is increased,
bandwidth decreases slightly while stability increases. Since
the loop stability is improving with higher closed-loop gains, it
becomes possible to reduce the value of RF below the
specified 475
 and still retain stability, resulting in only a slight
loss of bandwidth with increased closed-loop gain.
Supply Voltage Range and Single-Supply Operation
The EL5493 has been designed to operate with supply
voltages having a span of greater than 5V and less than 10V.
In practical terms, this means that the EL5493 will operate on
dual supplies ranging from ±2.5V to ±5V. With single-supply,
the EL5493 will operate from 5V to 10V.
As supply voltages continue to decrease, it becomes
necessary to provide input and output voltage ranges that can
get as close as possible to the supply voltages. The EL5493
has an input range which extends to within 2V of either supply.
So, for example, on +5V supplies, the EL5493 has an input
range which spans ±3V. The output range of the EL5493 is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com