Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS2008B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS2008B
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS2008B Datasheet HTML 4Page - Renesas Technology Corp ICS2008B Datasheet HTML 5Page - Renesas Technology Corp ICS2008B Datasheet HTML 6Page - Renesas Technology Corp ICS2008B Datasheet HTML 7Page - Renesas Technology Corp ICS2008B Datasheet HTML 8Page - Renesas Technology Corp ICS2008B Datasheet HTML 9Page - Renesas Technology Corp ICS2008B Datasheet HTML 10Page - Renesas Technology Corp ICS2008B Datasheet HTML 11Page - Renesas Technology Corp ICS2008B Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ICS2008B
8
Video Control Register IR32
GENLOCK ENABLE — When set to one, this bit enables
the genlock circuits to sync to the selected video input signal.
When reset to 0, the video sync will “freewheel,” generating
video timing from the internal oscillator. The freewheel mode
would be selected when striping LTC to allow synchroni-
zation with a MIDI sequencer or other strictly timed audio
source.
VTRES — When set to one, this bit clears the video timing
counters to dot zero of line 1 of field 1. This is useful when the
video is free running, not genlocked and LTC sync needs to be
synchronized to an event such as the CLICK input.
VSYNCSEL — When set to one, this bit selects the video
input source from Video2 (Y2) to be the SYNC source for the
internal video timing. Otherwise, when reset to zero, Video1
(Y1) is selected.
VITCSEL — When set to one, this bit selects the video input
source from Video2 (Y2) to be the VITC time code source for
the VITC receiver. Otherwise, when reset to zero, Video1
(Y1) is selected.
VOUTSEL — When set to one, this bit selects the video
input source from Video2 (Y2, C2) to be output on the video
outputs (YOUT, COUT). When reset to zero, Video1 (Y1,
C1) are selected.
VID1_S — When set to one, this bit causes the Video1 source
to be treated as S-Video. Otherwise, when cleared to zero, the
Video1 source is treated as composite video.
VID2_S — When set to one, this bit causes the Video2 source
to be treated as S-Video. Otherwise, when cleared to zero, the
Video2 source is treated as composite video.
VITC Read Line Select Registers IR30-IR31
As with the VITC Write Line Register, these registers allow
control of the individual redundant VITC read lines. The
processor can also reprogram these dynamically to allow for
scanning of VITC code when the source lines are unknown.
Read Line – Selects the line from which VITC code is to be
read within each field. It works identically to the Write Line
in that the video line selected is the number in this register
plus 10.
Auto line scanning is enabled by writing a 1Fh to the Read
Line field. This causes the VITC reader to search for time
code. If VITC Read Line 1 is set to search, it starts with line
10 and quits when it finds a valid time code or when it reaches
line 41. Searching with VITC Read Line 2 starts after VITC
Read Line 1. In the case of searching for both VITC Read
Lines 1 and 2, VITC Read Line 2 starts searching after the
first valid time code has been found. However, if VITC Read
Line 1 is set to a specific line, VITC Read Line 2 starts after
that specified line regardless of whether valid time code was
received. In any case, the search terminates after line 41.
CRCERR — This bit is reset to zero when a valid VITC code
has been received. It is valid from the end of the selected
video line until the end of the selected line in the next field.
NOCODE — This bit is set when a framing error occurs in
the VITC code, i.e. not all the bits of the code were received
by the time the end of the video line occurred. Both CRCERR
and NOCODE must be zero to qualify a VITC code.
Video Control Register
GENLOCK ENABLE (1-lock, 0-freewheel)
VTRES - Video Timing Reset (1-reset)
VSYNCEL - Video SYNC Source Select
VITCSEL - VITC Source Select
VOUTSEL - Video Output Select
VID1_S - Video1 S-Video Select
VID2_S - Video2 S-Video Select
PAL/NTSC (1-PAL, 0-NTSC)
7
6
5
4
3
2
1
0
IR32
VITC Read Line 1
Read Line 10-40 (N+10)
CRCERR (1-error, 0-OK) (r/o)
NOCODE (1-no code, 0-code) (r/o)
VITC Read Enable (1-enable)
IR30
7
6
5
4
3
2
1
0
VITC Read Line 2
Read Line 10-40 (N+10)
CRCERR (1-error, 0-OK) (r/o)
NOCODE (1-no code, 0-code) (r/o)
VITC Read Enable (1-enable)
IR31
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com