Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6572 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6572
Description  High voltage smart ballast controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6572 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6572 Datasheet HTML 8Page - STMicroelectronics L6572 Datasheet HTML 9Page - STMicroelectronics L6572 Datasheet HTML 10Page - STMicroelectronics L6572 Datasheet HTML 11Page - STMicroelectronics L6572 Datasheet HTML 12Page - STMicroelectronics L6572 Datasheet HTML 13Page - STMicroelectronics L6572 Datasheet HTML 14Page - STMicroelectronics L6572 Datasheet HTML 15Page - STMicroelectronics L6572 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Functional description
L6572
12/22
Doc ID 023882 Rev 1
current is set to the powerboost level. Otherwise, the ZVS control prevents the half-bridge
from operating below resonance. This condition does not lead to a latched turn-off.
During the powerboost phase, the current defined by the voltage across the RNO resistor is
internally increased by the fixed ratio XPB. During the first half of the powerboost phase, the
rated resonant current remains constant at the defined level, while during the second half,
the rated current decreases in 15 equal steps up to the value of the normal lamp operation.
The length of the powerboost phase is roughly defined by the duration of 4063232 period
times of the clock generator. There are 2097152 period times for the constant powerboost
level. The decrease to the normal operation level takes place in equal steps with a length of
131072 period times of the clock generator per step.
The duration of the powerboost phase is shortened to 1022 period times of the clock
generator when the lamp is already warm or when operated with reduced light output.
During normal operation, two possible rated resonant currents can be achieved related to
the output signal of the two-step dimming unit. During the operation of the lamp with nominal
light output, the nominal rated value is defined by the external resistor RNO. When operating
the lamp with reduced light output, the reduced rated value is defined by the external
resistor RDO.
The ratio between both possible rated values of the resonant current leading to reduced or
nominal light output is defined by the ratio RNO/RDO.
5.6
Thermal powerboost control
A cold lamp emits a lower light level even when driven by a correct rated current. To speed
up the lamp heating, a higher current is applied during few seconds of nominal operation
(thermal powerboost). The junction-temperature of the device is measured: if it is above
TPB the powerboost phase is entered as described in Section 5.5, otherwise the lamp is
directly operated with nominal light output.
5.7
Output stage
The output stage processes the trigger signals from the current regulation unit, the ignition
recognition unit and the UVLO block and controls the high-side and low-side driver.
Corresponding with the UVLO function the output stage controls the startup of the device.
5.8
Deadtime generation
The deadtime of the half-bridge is programmed by the external resistor RDT and it is equal
for both high-side and low-side driver. It is adjustable between 1
μs and 5 μs. A minimum
deadtime that avoids cross conduction of the power transistors is ensured by a minimum
resistance of the external resistor RDT.
The deadtime generator delays the switch on both of power transistors, while the switch off
signal from the output stage runs immediately to the drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com