| Electronic Components Datasheet Search |
|
M24256X-F Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24256X-F Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 42 page ![]() 6.5 Read operations on memory array Read operations are performed independently of the SWP register value. MSB bit A15 of the address must be equal to 0. After the successful completion of a read operation, the device internal address counter is incremented by one, to point to the next byte address. Following a start condition the bus master sends a device select code with the RW bit (RW) set to '0'. The device acknowledges this and waits for the two bytes address. The device responds to each address byte with an acknowledge bit. Then, the bus master sends another start condition, and repeats the device select code,with the RW bit set to '1'. The device acknowledges this, and outputs the contents of the data. See in Section 5.5 Device addressing (Table 5, Table 6 and Table 7) how to address the memory array. After each byte read (data out), the device waits for an acknowledgement (data in) during the ninth bit time. If the bus master does not acknowledge during this time, the device terminates the data transfer and switches to its standby mode after a stop condition. After the successful completion of a read operation, the device internal address counter is incremented by one, to point to the next byte address. Figure 12. Read mode sequences Dev sel * Byte addr Byte addr Dev sel Data out 1 Data out N Current Address Read Dev sel Data out Random Address Read Dev sel * Data out Sequential Current Read Data out N Dev sel * Byte addr Byte addr Sequential Random Read Dev sel * Data out1 ACK RW NO ACK ACK RW ACK ACK ACK RW ACK ACK ACK NO ACK RW NO ACK ACK ACK ACK RW ACK ACK RW ACK NO ACK Note: The seven most significant bits of the first device select code of a random read must be identical to the seven most significant bits of the device select code of the write. M24256X-F Read operations on memory array DS12380 - Rev 2 page 20/42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |