Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95M02-DFCS6P/K Datasheet(PDF) 26 Page - STMicroelectronics

Part # M95M02-DFCS6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFCS6P/K Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M95M02-DFCS6P/K Datasheet HTML 22Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 23Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 24Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 25Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 26Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 27Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 28Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 29Page - STMicroelectronics M95M02-DFCS6P/K Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
7
Power-up and delivery state
7.1
Power-up state
After power-up, the device is in the following state:
•
standby power mode
•
deselected (after power-up, a falling edge is required on chip select (S) before any instructions can be
started)
•
not in the hold condition
•
the write enable latch (WEL) is reset to 0
•
write in progress (WIP) is reset to 0.
The SRWD, BP1 and BP0 bits of the status register are unchanged from the previous power-down (they are
non-volatile bits).
7.2
Initial delivery state
The device is delivered with the memory array and identification page bits set to all 1s (each byte = FFh). The
status register write disable (SRWD) and block protect (BP1 and BP0) bits are initialized to 0.
M95M02-DR M95M02-DF
Power-up and delivery state
DS7024 - Rev 13
page 26/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com