Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC50J100A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMC50J100A
Description  5000 W TVS in SMC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC50J100A Datasheet(HTML) 4 Page - STMicroelectronics

  SMC50J100A Datasheet HTML 1Page - STMicroelectronics SMC50J100A Datasheet HTML 2Page - STMicroelectronics SMC50J100A Datasheet HTML 3Page - STMicroelectronics SMC50J100A Datasheet HTML 4Page - STMicroelectronics SMC50J100A Datasheet HTML 5Page - STMicroelectronics SMC50J100A Datasheet HTML 6Page - STMicroelectronics SMC50J100A Datasheet HTML 7Page - STMicroelectronics SMC50J100A Datasheet HTML 8Page - STMicroelectronics SMC50J100A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1.1
Characteristics (curves)
Figure 3. Maximum peak power dissipation versus initial
junction temperature
0
1000
2000
3000
4000
5000
6000
0
25
50
75
100
125
150
175
200
PPP(W)
Tj (°C)
10/1000 µs
VBR ≥ 36V
VBR < 36V
Figure 4. Maximum peak pulse power versus exponential
pulse duration
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
PPP(kW)
tp(ms)
Tj initial = 25 °C
Figure 5. Maximum peak pulse current versus clamping
voltage
0.1
1
10
100
1000
10000
1
10
100
1000
Ipp (A)
VCL (V)
8/20 µs
10/1000 µs
Figure 6. Dynamic resistance versus pulse duration
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
RD(Ω)
tp (ms)
SMC50J5.0A
SMC50J36A
SMC50J70A
SMC50J100A
Figure 7. Junction capacitance versus reverse applied
voltage (unidirectional type)
0.1
1
10
100
1
10
100
1000
C(nF)
V
R(V)
SMC50J5.0A
SMC50J70A
f=1MHz
Vosc=30mVRMS
Tj=25°C
SMC50J36A
SMC50J100A
Figure 8. Leakage current versus junction temperature
1
10
100
1000
10000
100000
25
50
75
100
125
150
175
IR (nA)
Tj (°C)
VR=VRM
VRM < 10V
VRM ≥ 10V
SMC50JxxA
Characteristics (curves)
DS13862 - Rev 1
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com