Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEB25N65CS Datasheet(PDF) 1 Page - CET-MOS Technology Corp.

Part # CEB25N65CS
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEB25N65CS Datasheet(HTML) 1 Page - CET-MOS Technology Corp.

  CEB25N65CS Datasheet HTML 1Page - CET-MOS Technology Corp. CEB25N65CS Datasheet HTML 2Page - CET-MOS Technology Corp. CEB25N65CS Datasheet HTML 3Page - CET-MOS Technology Corp. CEB25N65CS Datasheet HTML 4Page - CET-MOS Technology Corp. CEB25N65CS Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CEP25N65CS/CEB25N65CS
CEF25N65CS
N-Channel Enhancement Mode Field Effect Transistor
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM e
650
1.42
178
96
24
±30
V
W
A
A
V
W/ C
1
S
G
D
G
S
D
CEB SERIES
TO-263(DD-PAK)
S
D
G
CEP SERIES
TO-220
CEF SERIES
TO-220F
S
D
G
Type
VDSS
RDS(ON)
ID
@VGS
CEP25N65CS
CEF25N65CS
650V
650V
0.125Ω
0.125Ω
24A
24A d
10V
10V
0.4
50
96 d
24 d
CEB25N65CS
650V
0.125Ω
24A
10V
RoHS compliant.
TO-220/263
TO-220F
http://www.cet-mos.com
Rev 1. 2019.Nov
Drain Current-Continuous @ TC = 25 C
@ TC = 100 C
A
15
15 d
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
62.5
0.7
RθJC
RθJA
2.5
65
Single Pulsed Avalanche Energy h
Single Pulsed Avalanche Current h
EAS
IAS
800
6
mJ
A
Details are subject to change without notice .


Similar Part No. - CEB25N65CS

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEB25N55LS CET-MOS-CEB25N55LS Datasheet
647Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2019.Oct
More results

Similar Description - CEB25N65CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com