Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCTS85DMSR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HCTS85DMSR
Description  Radiation Hardened 4-Bit Magnitude Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS85DMSR Datasheet(HTML) 9 Page - Renesas Technology Corp

  HCTS85DMSR Datasheet HTML 1Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 2Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 3Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 4Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 5Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 6Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 7Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 8Page - Renesas Technology Corp HCTS85DMSR Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HCTS85MS
FN3059 Rev 1.00
Page 9 of 9
September 1995
Die Characteristics
DIE DIMENSIONS:
100 x 100 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY: <2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCTS85MS
B3
(1)
(A<B)IN
(2)
(A=B)IN(3)
(A>B)IN(4)
(A<B)OUT(5)
(A=B)OUT(6)
(A>B)OUT
(7)
GND
(8)
B0
(9)
A0
(10)
(11) B1
(12) A1
(13) A2
(14) B2
VCC
(16)
A3
(15)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com