Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD74AC138AFPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74AC138AFPEL
Description  1-of-8 Decoder/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC138AFPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74AC138AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HD74AC138/HD74ACT138
Rev.2.00, Jul.16.2004, page 3 of 9
Logic Diagram
A2
A1
A0
E1
O0
O1
O2
O3
O4
O5
O6
O7
E2 E3
Please note that this diagram is provided only for the understanding of logic operations and should not be
used to estimate propagation delays.
Figure a: Expansion of 1-of-32 Decoding
A0
E
O0
O31
H
A1
A2
A3
A4
123
E
123
O0 O1 O2O3O4 O5O6 O7
E
123
A0 A1 A2
O0 O1 O2O3O4 O5O6 O7
A0 A1 A2
O0 O1 O2O3O4 O5O6 O7
A0 A1 A2
O0 O1 O2O3O4 O5O6 O7
A0 A1 A2
E
123
Õ04
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Condition
Supply voltage
V
CC
–0.5 to 7
V
–20
mA
V
I = –0.5V
DC input diode current
I
IK
20
mA
V
I = Vcc+0.5V
DC input voltage
V
I
–0.5 to Vcc+0.5
V
–50
mA
V
O = –0.5V
DC output diode current
I
OK
50
mA
V
O = Vcc+0.5V
DC output voltage
V
O
–0.5 to Vcc+0.5
V
DC output source or sink current
I
O
±50
mA
DC V
CC or ground current per output pin
I
CC, IGND
±50
mA
Storage temperature
Tstg
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com