Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA5022EVAL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA5022EVAL
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022EVAL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA5022EVAL Datasheet HTML 1Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 2Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 3Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 4Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 5Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Inverting Input Resistance
B
25
-
56
-
Ω
Input Capacitance
B
25
-
2.0
-
pF
Input Voltage Common Mode Range
(Implied by VIO CMRR, +RIN, and -IBIAS CMS
Tests)
A
25, 85
±1.8
±2.4
-
V
A-40
±1.2
±1.7
-
V
Input Noise Voltage Density (Note 6)
f = 100kHz
B
25
-
3.5
-
nV/
√Hz
Non-Inverting Input Noise Current Density
(Note 6)
f = 100kHz
B
25
-
2.5
-
pA/
√Hz
Inverting Input Noise Current Density
(Note 6)
f = 100kHz
B
25
-
30
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain (Note 6)
B
25
-
500
-
k
Ω
AC CHARACTERISTICS
-3dB Bandwidth (VOUT = 0.2VP-P, Note 6)
AV = +1, +RS = 650Ω
B
25
-
260
-
MHz
AV = +2, RF = 750Ω
B
25
-
420
-
MHz
AV = -1, RF = 475Ω
B
25
-
280
-
MHz
Full Power Bandwidth
(VOUT = 5VP-P at AV = +2/-1,
4VP-P at AV = +1, Note 6)
AV = +1, +RS = 650Ω
B
25
-
150
-
MHz
AV = +2, RF = 750Ω
B
25
-
115
-
MHz
AV = -1, RF = 475Ω
B
25
-
160
-
MHz
Gain Flatness (AV = +2, RF = 750Ω,
VOUT = 0.2VP-P, Note 6)
To 25MHz
B
25
-
±0.04
-
dB
To 50MHz
B
25
-
±0.11
-
dB
Minimum Stable Gain
A
Full
-
1
-
V/V
Crosstalk (AV = +2, RF = 750Ω,
VOUT = 1VP-P, Notes 4, 6)
5MHz
B
25
-
-83
-
dB
10MHz
B
25
-
-77
-
dB
OUTPUT CHARACTERISTICS AV = +2, RF = 750Ω, Unless Otherwise Specified
Output Voltage Swing (Note 6)
AV = -1, RL = 100Ω
A25
±3
±3.4
-
V
AFull
±2.8
±3-
V
Output Current (Note 6)
AV = -1, RL = 50Ω
A
25, 85
50
60
-
mA
A
-40
28
42
-
mA
Output Short Circuit Current
B
25
-
90
-
mA
Closed Loop Output Resistance (Note 6)
DC
B
25
-
0.07
-
Ω
Second Harmonic Distortion
(VOUT = 2VP-P)
10MHz
B
25
-
-50
-
dBc
20MHz
B
25
-
-45
-
dBc
Third Harmonic Distortion
(VOUT = 2VP-P)
10MHz
B
25
-
-57
-
dBc
20MHz
B
25
-
-50
-
dBc
3rd Order Intercept (Note 6)
20MHz
B
25
-
23
-
dBm
Reverse Isolation (S12, Note 6)
65MHz
B
25
-
60
-
dB
TRANSIENT CHARACTERISTICS AV = +2, RF = 750Ω, Unless Otherwise Specified
Rise and Fall Times (VOUT = 0.5VP-P)
Rise Time
B
25
-
0.9
-
ns
Fall Time
B
25
-
1.5
-
ns
Overshoot
(VOUT = 0.5VP-P, VIN tRISE = 1ns, Note 5)
+OS
B
25
-
5
-
%
-OS
B
25
-
10
-
%
Slew Rate (VOUT = 4VP-P, AV = +1,
RF = 560Ω, +RS = 650Ω)
+SR
B
25
-
1150
-
V/
μs
-SR (Note 7)
B
25
-
800
-
V/
μs
Electrical Specifications VSUPPLY = ±5V, AV = +1, RF = 560Ω, RS = 650Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com