Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP0082AS1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP0082AS1
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0082AS1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP0082AS1 Datasheet HTML 1Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 2Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 3Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 4Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 5Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 6Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 7Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 8Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HIP0082, HIP0084
FN3643 Rev 4.00
Page 4 of 11
May 1998
Positive Output Voltage
Ramp Slew Rate, Inductive
Load Switching Off
SR1
IOUTX = 1A, Load 6mH, 12;
Measure 25% to 75% of VZ
6
70
100
6
14
24
V/
s
IOUTX = 1A, Load 6mH, 12;
Measure 4V to 16V of VZ
N/A
2
9
20
V/
s
IOUTX = 1A, Load 6mH, 12;
Measure 75% to 95% of VZ
5.1
11
20.4
V/
s
Negative Output Voltage
Ramp Slew Rate, Inductive
Load Switching On
SR2
VBATT = 12V, Load 6mH, 6;
Measure 25% to 75%,
VCC = 5V 2%
0.75
15
25
0.75
1.5
3.75
V/
s
VBATT = 12V, Load 6mH, 6;
Measure 25% to 75%,
TJ = 25oC, VCC = 5V 2%
N/A
1
-
3
V/
s
Output Negative Voltage
Ramp Fall Time
tf
IOUTX = 2A, From 90% to 10%,
6
Load
-
-
25
-
15
25
s
Turn-Off Delay
td(OFF)
IOUTX = 2A,
From 50% of INx to 10% of OUTx
0.5
-
3
-
-
10
s
Turn-On Delay
td(ON)
IOUTX = 2A,
From 50% of INx to 90% of OUTx
N/A
-
-
10
s
Matching Turn-On Delay
td(ON)
-
-
3
s
Matching Turn-Off Delay
td(OFF)
-
-
3
s
Output Rise Time
tr
For SR3 Postive Ramp Conditions
From 10% to 90% of VZ
-
10
s
Output Leakage Current
ILK
INx = High, VOUTX = 60V
-
-
10
N/A
A
VOUTX = 60V, VCC Open
-
-
10
A
INx = High, VOUTX = VCC+ to 60V
N/A
-10
-
10
A
INx = Low, VOUTX = 0V to 60V,
VCC = 0V
-10
-
10
A
SUPPLY
Power Supply Current
ICC
Standby, No Load
-
7.5
15
-
7.5
15
mA
Low VCC Shutdown Thresh-
old
VCC(LOW) (Note 9)
3.4
3.7
4.0
3.4
3.7
4.0
V
Active Supply Range for RST
Pin
VCC(RST)
3.5
-
5.5
3.5
-
5.5
V
INPUTS (INx, CS, CLK, RST, R/W, TXD)
Low-Level Input Voltage
VIL
-0.3
-
0.2 X
VCC
-0.3
-
0.2 X
VCC
V
High-Level Input Voltage
VIH
0.7 x
VCC
-
VCC +
0.3
0.7 x
VCC
-
VCC +
0.3
V
Input Hysteresis Voltage
VHYS
0.85
1.2
2.25
0.85
1.2
2.25
V
Reset Time after RST L
H
tRST
48
-
80
48
-
80
s
Input Pull-Up Resistance
RIN
50
-
150
50
-
150
k
Input Current
IIH
Logic High Input Voltage
-
-
2
-
-
2
A
TXD PIN (R/W = High)
Three-State Leakage Current
ILK_TXD CS = High, VTXD = VCC
-5
-
5
-5
-
5
A
Logic High Output Voltage
VTXDH
IOH = -4mA, CS = Low
VCC -
0.4
-
-
VCC -
0.4
-
-
V
Logic Low Output Voltage
VTXDL
IOL = 3.2mA, CS = Low
-
-
0.42
-
-
0.42
V
Electrical Specifications
VCC = 5V 10%, TA = -40oC to 125oC; Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
HIP0082
HIP0084
UNITS
MIN
TYP
MAX
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com