Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2105DBEVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP2105DBEVAL1Z
Description  Low Voltage Driver for Synchronous Rectification
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2105DBEVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP2105DBEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp HIP2105DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FN8999 Rev.1.00
Page 4 of 17
Jun 6, 2018
HIP2105, HIP2106A
1. Overview
1.2
Ordering Information
Figure 3. Multi-Phase Converter Using HIP2105 Gate Drivers
Part Number
(Notes 2, 3)
Part
Marking
Temperature
Range (°C)
Tape and Reel
(Units) (Note 1)
Package
Pkg. Dwg. #
HIP2106AIRZ
06IZ
-40 to +85
-
10 Ld 3x3 DFN
L10.3x3C
HIP2106AIRZ-T
06IZ
-40 to +85
6k
10 Ld 3x3 DFN
L10.3x3C
HIP2105FRZ
05FZ
-40 to +125
-
10 Ld 3x3 DFN
L10.3x3C
HIP2105FRZ-T
05FZ
-40 to +125
6k
10 Ld 3x3 DFN
L10.3x3C
HIP2105-6MBEVAL1Z
HIP2105/6A Mother Board
HIP2105DBEVAL1Z
HIP2105 Daughter Board
HIP2106ADBEVAL1Z
HIP2106A Daughter Board
Notes:
1. Refer to TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the HIP2105 and HIP2106A product information pages. For more information about
MSL, refer to TB363.
+5V
BOOT
UGATE
PHASE
LGATE
HI
VCC
VIN
+VCORE
PGOOD
VID
FS/EN
GND
ISEN2
ISEN1
LI1
HI1
VSEN
PWM
FB
VCC
+3.3V
COMP
HIP2105
Controller
+3.3V
(ISL69XX)
(Optional)
RUGPH
+5V
BOOT
UGATE
PHASE
LGATE
HI
VCC
VIN
HIP2105
RUGPH
RUGPH is required for special power sequencing applications
(see “Upper MOSFET Self Turn-On Effects at Startup” on page 14)
LI2
HI2
LI
LI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com