Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

841S012DI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841S012DI Datasheet(HTML) 4 Page - Renesas Technology Corp

  841S012DI Datasheet HTML 1Page - Renesas Technology Corp 841S012DI Datasheet HTML 2Page - Renesas Technology Corp 841S012DI Datasheet HTML 3Page - Renesas Technology Corp 841S012DI Datasheet HTML 4Page - Renesas Technology Corp 841S012DI Datasheet HTML 5Page - Renesas Technology Corp 841S012DI Datasheet HTML 6Page - Renesas Technology Corp 841S012DI Datasheet HTML 7Page - Renesas Technology Corp 841S012DI Datasheet HTML 8Page - Renesas Technology Corp 841S012DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
4
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4pF
C
PD
Power Dissipation
Capacitance
QB[0:6], QC
V
DD
, V
DD_REFOUT
, V
DDOB,
V
DDOC
= 3.465V
19
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
QB[0:6], QC
18
Ω
REF_OUT[1:0]
23
Ω
TABLE 3C. F_SELC FREQUENCY SELECT FUNCTION TABLE
Inputs
Output Frequency (25MHz Ref.)
F_SELA1
F_SELA0
M Divider Value
NA Divider Value
QA[0:1]/nQA[0:1] (MHz)
L
L
80
20
100 (default)
L
H
80
16
125
H
L
80
10
200
H
H
80
8
250
TABLE 3A. F_SELA FREQUENCY SELECT FUNCTION TABLE
TABLE 3B. F_SELB FREQUENCY SELECT FUNCTION TABLE
Inputs
Output Frequency (25MHz Ref.)
F_SELC2
F_SELC1
F_SELC0
M Divider Value
NC Divider Value
QC (MHz)
L
L
L
80
60
33.33 (default)
LL
H
80
40
50
L
H
L
80
30
66.67
L
H
H
80
20
100
H
L
L
80
16
125
H
L
H
80
15
133.33
H
H
L
80
12
166.67
H
H
H
80
10
200
Inputs
Output Frequency (25MHz Ref.)
F_SELB2
F_SELB1
F_SELB0
M Divider Value
NB Divider Value
QB[0:6] (MHz)
L
L
L
80
60
33.33 (default)
LL
H
80
40
50
L
H
L
80
30
66.67
L
H
H
80
20
100
H
L
L
80
16
125
H
L
H
80
15
133.33
H
H
L
80
12
166.67
H
H
H
80
10
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com