Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS843034 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp ICS843034 Datasheet HTML 10Page - Renesas Technology Corp ICS843034 Datasheet HTML 11Page - Renesas Technology Corp ICS843034 Datasheet HTML 12Page - Renesas Technology Corp ICS843034 Datasheet HTML 13Page - Renesas Technology Corp ICS843034 Datasheet HTML 14Page - Renesas Technology Corp ICS843034 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
AC Electrical Characteristics
Table 7A. AC Characteristics, VCC = VCCO_A = VCCO_B = VCCO_REF = 3.3V±5%, VEE = 0V, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: See Parameter Measurement Information section.
NOTE 1: Please refer to phase noise plot.
NOTE 2: Characterized with REF_OUT output disabled.
NOTE 3: Jitter performance using XTAL inputs.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 5: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 6: Characterized using worst device configuration.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
35
625
MHz
tjit(Ø)
RMS Phase Jitter (Random),
NOTE 1, 2
fOUT = 333.3MHz,
XTAL = 22.222MHz,
Integration Range:
12kHz – 20MHz
0.91
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 3, 4, 6
175
ps
tsk(o)
Output Skew; NOTE 2, 4, 5
120
ps
tR / tF
Output
Rise/Fall Time
LVPECL Outputs
20% to 80%
200
700
ps
REF_OUT
20% to 80%
200
700
ps
tS
Setup Time
M, N to nP_LOAD
5
ns
S_DATA to
S_CLOCK
5ns
S_CLOCK to
S_LOAD
5ns
tH
Hold Time
M, N to nP_LOAD
5
ns
S_DATA to
S_CLOCK
5ns
S_CLOCK to
S_LOAD
5ns
odc
Output Duty Cycle; NOTE 2
N Divider Value
 145
55
%
N Divider Value = 1
35
65
%
tLOCK
PLL Lock Time
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com