Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS844S42I Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ICS844S42I
Description  Dual Output RF Frequency Synthesizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844S42I Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ICS844S42I Datasheet HTML 17Page - Renesas Technology Corp ICS844S42I Datasheet HTML 18Page - Renesas Technology Corp ICS844S42I Datasheet HTML 19Page - Renesas Technology Corp ICS844S42I Datasheet HTML 20Page - Renesas Technology Corp ICS844S42I Datasheet HTML 21Page - Renesas Technology Corp ICS844S42I Datasheet HTML 22Page - Renesas Technology Corp ICS844S42I Datasheet HTML 23Page - Renesas Technology Corp ICS844S42I Datasheet HTML 24Page - Renesas Technology Corp ICS844S42I Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
©2016 Integrated Device Technology, Inc
Revision A April 28, 2016
844S42I Data Sheet
Power Considerations – LVPECL Outputs
This section provides information on power dissipation and junction temperature for the 844S42I, for all outputs that are configured to LVPECL
(LEV_SEL = 1). Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 844S42I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VDD_MAX * IGND_MAX = 3.465V * 260mA = 900.9mW
•
Power (outputs)MAX = 36mW/Loaded Output pair
If all outputs are loaded, the total power is 2 * 36mW = 72mW
Total Power_MAX (3.465V, with all outputs switching) = 800.9mW + 72mW = 972.9mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 31.4°C/W per Table 7A below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.973W * 31.4°C/W = 115.6°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7A. Thermal Resistance JA for 56 Lead VFQFN Forced Convection
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
31.4°C/W
27.5°C/W
24.6°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com