Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC174 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC174 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC174 Datasheet HTML 1Page - STMicroelectronics M74HC174 Datasheet HTML 2Page - STMicroelectronics M74HC174 Datasheet HTML 3Page - STMicroelectronics M74HC174 Datasheet HTML 4Page - STMicroelectronics M74HC174 Datasheet HTML 5Page - STMicroelectronics M74HC174 Datasheet HTML 6Page - STMicroelectronics M74HC174 Datasheet HTML 7Page - STMicroelectronics M74HC174 Datasheet HTML 8Page - STMicroelectronics M74HC174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED :
fMAX = 66MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 174
DESCRIPTION
The M74HC174 is an high speed CMOS HEX
D-TYPE FLIP FLOP WITH CLEAR fabricated with
silicon gate C2MOS technology.
Information signals applied to D inputs are
transferred to the Q output on the positive going
edge of the clock pulse. When the CLEAR input is
held low, the Q outputs are held low independently
of the other inputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC174
HEX D-TYPE FLIP FLOP WITH CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC174B1R
SOP
M74HC174M1R
M74HC174RM13TR
TSSOP
M74HC174TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
M74HC174B1R STMICROELECTRONICS-M74HC174B1R Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
M74HC174C1R STMICROELECTRONICS-M74HC174C1R Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
M74HC174M1R STMICROELECTRONICS-M74HC174M1R Datasheet
246Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Oct-1992
More results

Similar Description - M74HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com