Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL3282EMRTEP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL3282EMRTEP
Description  ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL3282EMRTEP Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL3282EMRTEP Datasheet HTML 1Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 2Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 3Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 4Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 5Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 6Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 7Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 8Page - Renesas Technology Corp ISL3282EMRTEP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ISL3282EMRTEP
FN7595 Rev 2.00
Page 4 of 9
June 17, 2016
Application Information
RS-485 and RS-422 are differential (balanced) data transmission
standards for use in long haul or noisy environments. RS-422 is a
subset of RS-485, so RS-485 transceivers are also RS-422
compliant. RS-422 is a point-to-multipoint (multidrop) standard,
which allows only one driver and up to 10 (assuming one unit load
devices) receivers on each bus. RS-485 is a true multipoint
standard, which allows up to 32 one unit load devices (any
combination of drivers and receivers) on each bus.
Another important advantage of RS-485 is the extended
Common-Mode Range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as long as
4000’, so the wide CMR is necessary to handle ground potential
differences, as well as voltages induced in the cable by external
fields.
Receiver Features
This device utilizes a differential input receiver for maximum noise
immunity and common-mode rejection. Input sensitivity is better
than ±200mV, as required by the RS-422 and RS-485
specifications.
Receiver input resistance of 96kΩ surpasses the RS-422
specification of 4kΩ and is eight times the RS-485 “Unit Load
(UL)” requirement of 12kΩ minimum. Thus, these products are
known as “one-eighth UL” transceivers and there can be up to
256 of these devices on a network while still complying with the
RS-485 loading specification.
Receiver inputs function with common-mode voltages as great as
+9V/-7V outside the power supplies (i.e., +12V and -7V), making
them ideal for long networks where induced voltages, and ground
potential differences are realistic concerns.
The ISL3282EMRTEP includes a “full fail-safe” function that
guarantees a high level receiver output if the receiver inputs are
unconnected (floating), shorted together, or connected to a
terminated, however, undriven bus. Fail-safe with shorted inputs is
achieved by setting the Rx upper switching point to -50mV, thereby
ensuring that the Rx sees 0V differential as a high input level.
The receiver can easily support a 16Mbps data rate, and its
output is tri-statable via the active low RE input.
Wide Supply Range
The ISL3282EMRTEP is designed to operate with a wide range of
supply voltages from 3.0V to 5.5V. This device meets the RS-422
and RS-485 specifications over this full range.
Logic Supply (VL Pin)
Note: Power-up VCC before powering up the VL supply.
The ISL3282EMRTEP includes a VL pin that powers the logic
input (RE) and/or the Rx output. These pins interface with “logic”
devices such as UARTs, ASICs and microcontrollers. Today, most
of these devices use power supplies significantly lower than 3.3V,
thus, a 3.3V output level from a 3.3V powered RS-485 IC might
seriously overdrive and damage the logic device input. Similarly,
the logic device’s low VOH might not exceed the VIH of a 3.3V or
5V powered RE input. Connecting the VL pin to the power supply
of the logic device (as shown in Figure 4) limits the
ISL3282EMRTEP’s Rx output VOH to VL (see Figures 7 through
11), and reduces the RE input switching point to a value
compatible with the logic device’s output levels. Tailoring the
logic pin input switching point and output levels to the supply
voltage of the UART, ASIC, or microcontroller eliminates the need
for a level shifter/translator between the two ICs.
VL can be anywhere from VCC down to 1.35V, however, the input
switching points may not provide enough noise margin when
VL <1.6V. Table 2 indicates typical VIH, VIL, and data rate values
for various VL settings so the user can ascertain whether or not a
particular VL voltage meets his/her needs.
The quiescent, RO unloaded, VL supply current (IL) is typically less
than 60µA for VL  3.3V, as shown in Figure 6 on page 6.
ESD Protection
All pins on the device include Class 3 (>4kV) Human Body Model
(HBM) ESD protection structures, however, the RS-485 pins
(receiver inputs) incorporate advanced structures allowing them
to survive ESD events in excess of ±16.5kV HBM and ±16.5kV
IEC61000. The RS-485 pins are particularly vulnerable to ESD
damage because they typically connect to an exposed port on
the exterior of the finished product. Simply touching the port
pins, or connecting a cable, can cause an ESD event that might
destroy unprotected ICs. These new ESD structures protect the
device whether or not it is powered up, and without degrading the
RS-485 common-mode range of -7V to +12V. This built-in ESD
TABLE 2. VIH, VIL AND DATA RATE vs VL FOR VCC =3.3V OR 5V
VL
(V)
VIH
(V)
VIL
(V)
DATA RATE
(Mbps)
1.35
0.55
0.5
11
1.6
0.7
0.6
16
1.8
0.8
0.7
23
2.3
1
0.9
27
2.7
1.1
1
30
3.3
1.3
1.2
30
5.5 (i.e., VCC)2
1.8
24
FIGURE 4. USING VL PIN TO ADJUST LOGIC LEVELS
GND
RXD
RXEN
VCC = +2V
UART/PROCESSOR
GND
RO
RE
VCC = +3.3V TO 5V
ISL3282EMRTEP
VOH  2V
VOH = 2V
VIH = 1V
ESD
DIODE
VL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com