Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMU17GC-45 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HMU17GC-45
Description  16 x 16-Bit CMOS Parallel Multipliers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMU17GC-45 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HMU17GC-45 Datasheet HTML 5Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 6Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 7Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 8Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 9Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 10Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 11Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 12Page - Renesas Technology Corp HMU17GC-45 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HMU16, HMU17
FN2803 Rev 4.00
Page 10 of 13
November 1999
AC Electrical Specifications
VCC = 5.0V 5%, TA = 0oC to 70oC, Note 6
PARAMETER
SYMBOL
TEST
CONDITIONS
HMU16/HMU17-35
HMU16/HMU17-45
UNITS
MIN
MAX
MIN
MAX
Unclocked Multiply Time
tMUC
-55-70
ns
Clocked Multiply Time
tMC
-35-45
ns
X, Y, RND Setup Time
tS
15
-
18
-
ns
X, Y, RND Hold Time
tH
2-2-
ns
Clock Pulse Width High
tPWH
10
-
15
-
ns
Clock Pulse Width Low
tPWL
10
-
15
-
ns
MSPSEL to Product Out
tPDSEL
-22-25
ns
Output Clock to P
tPDP
-22-25
ns
Output Clock to Y
tPDY
-22-25
ns
Three-State Enable Time
tENA
Note 4
-
22
-
25
ns
Three-State Disable Time
tDIS
-22-25
ns
Clock Enable Setup Time
(HMU17 Only)
tSE
15
-
15
-
ns
Clock Enable Hold Time
(HMU17 Only)
tHE
2-2-
ns
Clock Low Hold Time CLKXY
Relative to CLKML
(HMU16 Only)
tHCL
Note 5
0
-
0
-
ns
Output Rise Time
tr
From 0.8V to 2.0V
-
8
-
8
ns
Output Fall Time
tf
From 2.0V to 0.8V
-
8
-
8
ns
NOTES:
4. Transition is measured at
200mV from steady state voltage with loading specified in AC Test Circuit, V1 = 1.5V, R1 = 500
and C1 = 40pF.
5. To ensure the correct product is entered in the output registers, new data may not be entered into the input registers before the output registers
have been clocked.
6. Refer to AC Test Circuit, with V1 = 2.4V, R1 = 500 and C1 = 40pF.
AC Test Circuit
NOTE: Includes Stray and Jig Capacitance.
AC Testing Input, Output Waveforms
NOTE: AC Testing: All parameters tested as per test circuit. Input
rise and fall times are driven at 1ns/V.
DUT
C1 (SEE NOTE)
V1
R1
0.3V
0V
VOH
VOL
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com