Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDS6200 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # LDS6200
Description  PureTouch®* Low Channel Capacitive Touch Sensor IC Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

LDS6200 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button LDS6200 Datasheet HTML 17Page - Renesas Technology Corp LDS6200 Datasheet HTML 18Page - Renesas Technology Corp LDS6200 Datasheet HTML 19Page - Renesas Technology Corp LDS6200 Datasheet HTML 20Page - Renesas Technology Corp LDS6200 Datasheet HTML 21Page - Renesas Technology Corp LDS6200 Datasheet HTML 22Page - Renesas Technology Corp LDS6200 Datasheet HTML 23Page - Renesas Technology Corp LDS6200 Datasheet HTML 24Page - Renesas Technology Corp LDS6200 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LDS6200 Family
© 2011 IDT
21
Doc. No. 6200 FamilyDS, Rev. 0.5
Characteristics subject to change without notice
OPERATING MODES
The LDS6200 Family may be programmed to operate
in three different modes.
In
full
power
mode,
touch
detection
occurs
continuously,
without
delays
between
detection
cycles. This mode is utilized when the touch inputs
need to be fully active and always responsive to
touch inputs. Due to its ultra-low touch sensor power
consumption of <125uW***, the LDS6200 Family may
be operated continuously in full power mode even
when battery life is of premium importance.
The device may also be put into a configurable low
power mode for situations where a small inserted
delay (typically less than 0.3s) between the first touch
and touch reporting is acceptable. This optional low
power mode can cut power by more than half.
Lastly, the device can be put into Shutdown mode,
which disables touch sensing and lowers power
consumption to ~1uW (typical).
Only the serial
interface bus is active during Shutdown mode to
receive any commands (such as exit from Shutdown
mode).
Two methods of device reset are provided. Software
Reset (writing any value to register 0x001) executes
a soft reset of the device by initiating a new
calibration cycle and resetting the state machine,
including the Interrupt Status Register.
Previously
configured
control
registers,
however,
are
not
affected by a Software Reset, so no reconfiguration
or re-initialization need occur.
Hardware Reset (setting RESETB low or writing
any value to register 0x000) resets the state
machine and all previously configured registers,
requiring a re-initialization by the host to set
configuration registers to their proper state.
Both Software and Hardware Reset take ~0.5-1s in
the typical case to return the device to its fully
functioning state. The actual time depends upon the
number of active sensors requiring calibration and
the relative sensor values.
Where start-up time is
especially
important,
fine-tuning
of
certain
configuration registers is possible to expedite initial
calibration. Please contact your IDT representative if
start-up time optimization is required.
POWER-UP/INITIALIZATION SEQUENCE
The power up and initialization sequence involves the
following flow:
Power-Up → Cold Reset Command → Initialize
Configuration Registers → Software Reset Command
Initialization of the configuration registers is required
to define the functionality of each channel, set touch
sensitivity levels, and generally specify the desired
configuration of the highly flexible LDS6200 Family
touch controller. The Cold Reset and Software Reset
Commands are required to ensure consistency of
operation before and after the initialization process
occurs.
AUTOMATIC CALIBRATION MODE
The LDS6200 Family integrates on-chip sensor
calibration
to
compensate
for
uncontrollable
environmental
factors
such
as
moisture
and
temperature changes. Without such compensation,
the baseline “no-touch” value may drift over time,
affecting the ability of the device to measure valid
touch events. The calibration algorithm is executed
after every conversion cycle, ensuring that even
rapidly
changing
ambient
conditions
are
well
compensated.
*** 1.8V, excluding VDDIO current, which varies with VDDIO
voltage, I/F type, and communication frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com