Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC3G34 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC3G34
Description  TRIPLE BUFFER GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G34 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC3G34 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G34 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74LVC3G34
Document number: DS44933 Rev. 1 - 2
1 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G34
TRIPLE BUFFER GATE
Description
The
DIODES™ 74LVC3G34 is a triple buffer gate with standard push-
pull outputs. The device is designed for operation with a power supply
range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this
device to be used in a mixed voltage environment. The device is fully
specified for partial power down applications using IOFF. The IOFF
circuitry disables the output preventing damaging current backflow
when the device is powered down.
Each of the buffers performs the positive Boolean function:
A
=
Y
Pin Assignments
Features
Wide Supply Voltage Range from 1.65V to 5.5V
±24mA Output Drive at 3.3V
CMOS Low Power Consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs Accept up to 5.5V
ESD Protection Tested per JESD 22
Exceeds 2,000V Human Body Model (A114)
Exceeds 1,000V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Range of Package Options
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Applications
•
Voltage level shifting
•
General purpose logic
•
Power down signal isolation
•
Wide array of products such as:
•
PCs, networking, notebooks, netbooks, PDAs
•
Computer peripherals, hard drives, CD/DVD ROM
•
TV, DVD, DVR, set top boxes
•
Cell phones, personal navigation / GPS
•
MP3 players, cameras, video recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34 NXP-74LVC3G34 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
Nexperia B.V. All right...
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
More results

Similar Description - 74LVC3G34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 PHILIPS-74HC3G34 Datasheet
81Kb / 16P
Triple Buffer Gate
2003 May 19
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
Triple buffer gate
Rev. 05-7 May 2009
logo
Texas Instruments
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
TRIPLE BUFFER GATE
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
TRIPLE BUFFER GATE
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
Triple Buffer Gate
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
Triple buffer gate
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
Triple buffer gate
Rev. 7 - 11 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com