Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT2415B7 Datasheet(PDF) 2 Page - CTS Corporation

Part # RT2415B7
Description  PCI & PCIX Network RoHS Compliant Parts Available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2415B7 Datasheet(HTML) 2 Page - CTS Corporation

  RT2415B7 Datasheet HTML 1Page - CTS Corporation RT2415B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 2
March 06
www.ctscorp.com
PCI & PCIX Terminators
Recommended Land Pattern
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum)
1.27mm pitch (B6) = 0.64mm/.025 inch (minimum)
Outline of Substrate
PCB Pad Diameter
For .006" Thick Solder Paste Stencil, Aperture Opening Should
be Equal to the PCB Pad Diameter.
Refer to www.ctscorp.com/components/clearone.asp for
additional PCB design information
Complete ClearONE Product, Processing, and Application Information can be found at the following link:
http://www.ctscorp.com/components/clearone.asp
Solder Mask Dia = Pad
Diameter +.15mm(.006 inch)
BGA Routing Scheme
VTT Island
.005 Inch
Wide Traces
Mechanical Diagram
K
P (Pitch)
L
W
H
P (Pitch)
A1 Identifier
RT_4__B_
CTS YRWK
D
1.27 mm Pitch
L
W
H
P
D
K
8 Bit
mm
inch
5.08
±0.15
.200±.006
3.81
±0.15
.150±.006
1.32
±0.15
.052±.006
1.27
±0.25
.050±.010
0.76
±0.05
.030±.002
0.64
±0.25
.025±.010
RT1415B6
RT1416B6
RT1417B6
RT1418B6
RT2415B6
RT2416B6
RT2417B6
RT2418B6
16 Bit
mm
inch
10.16±0.15
.400
±.006
3.81±0.15
.150
±.006
1.32±0.15
.052
±.006
1.27±0.25
.050
±.010
0.76±0.05
.030
±.002
0.64±0.25
.025
±.010
1.00 mm Pitch
L
W
H
P
D
K
8 Bit
mm
inch
4.00
±0.15
.157±.006
3.00
±0.15
.118±.006
1.19
±0.15
.047±.006
1.00
±0.25
.039±.010
0.64
±0.05
.025±.002
0.50
±0.25
.020±.010
RT1415B7
RT1416B7
RT1417B7
RT1418B7
RT2415B7
RT2416B7
RT2417B7
RT2418B7
16 Bit
mm
inch
8.00±0.15
.315
±.006
3.00
±0.15
.118±.006
1.19
±0.15
.047±.006
1.00
±0.25
.039±.010
0.64
±0.05
.025±.002
0.50
±0.25
.020±.010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com