Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP3581CMPTR-G1 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3581CMPTR-G1
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3581CMPTR-G1 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3581CMPTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 9Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 10Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 11Page - Diodes Incorporated AP3581CMPTR-G1 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP3581A/B/C
Document number: DS41552 Rev. 2 - 4
8 of 13
www.diodes.com
November 2018
© Diodes Incorporated
AP3581A/B/C
PART OBSOLETE
– NO ALTERNATE PART
Performance Characteristics (Cont.)
Power-on Waveform
Power-off Waveform
(VIN=12V, VOUT=1.2V, IOUT=0A)
(VIN=12V, VOUT=1.2V, IOUT=20A)
Enable Waveform
Disable Waveform
(VIN=12V, VOUT=1.2V, IOUT=0A)
(VIN=12V, VOUT=1.2V, IOUT=20A)
Load Transient Response
Load Transient Response
(VIN=12V, VOUT=1.2V, IOUT=0A to 10A)
(VIN=12V, VOUT=1.2V, IOUT=0A to 20A)
VIN
10V/div
VOUT
0.5V/div
VCOMP
0.5V/div
VLGATE
10V/div
Time 1ms/div
VIN
10V/div
VOUT
0.5V/div
VPHASE
10V/div
IL
10A/divv
Time 200ms/div
VIN
10V/div
VOUT
0.5V/div
VCOMP
0.5V/div
IL
10A/div
Time 1ms/div
VPHASE
10V/div
VOUT
0.5V/div
VCOMP
0.5V/div
IL
10A/div
Time 20ms/div
VPHASE
5V/div
VOUT_AC
200mV/div
IOUT
5A/div
Time 10
ms/div
VPHASE
5V/div
VOUT_AC
200mV/div
IOUT
10A/div
Time 10ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com