Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMB1306-PRO9 Datasheet(PDF) 13 Page - Cree LED

Part # CMB1306-PRO9
Description  XLamp® CMB1306 Pro9™ LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306-PRO9 Datasheet(HTML) 13 Page - Cree LED

Back Button CMB1306-PRO9 Datasheet HTML 9Page - Cree LED CMB1306-PRO9 Datasheet HTML 10Page - Cree LED CMB1306-PRO9 Datasheet HTML 11Page - Cree LED CMB1306-PRO9 Datasheet HTML 12Page - Cree LED CMB1306-PRO9 Datasheet HTML 13Page - Cree LED CMB1306-PRO9 Datasheet HTML 14Page - Cree LED CMB1306-PRO9 Datasheet HTML 15Page - Cree LED CMB1306-PRO9 Datasheet HTML 16Page - Cree LED CMB1306-PRO9 Datasheet HTML 17Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
XLAMP® CMB1306 PRO9™ LED
© 2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree LED
logo are registered trademarks, and Pro9 is a trademark, of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS313
REV 1
13
PREMIUM COLOR PERFORMANCE GROUPS - CHROMATICITY (T
J = 85 °C)
XLamp CMB1306 Pro9 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
Specialty
EasyWhite Color Temperatures – 2-Step
Code
CCT
x
y
L7C
3000 K
0.4192
0.3754
0.4224
0.3823
0.4291
0.3847
0.4257
0.3777
EasyWhite Color Temperatures – 3-Step Ellipse
Bin Code
CCT
Center Point
Major Axis
Minor Axis
Rotation Angle
(°)
x
y
a
b
31Q
3100 K
0.4236
0.3888
0.00848
0.00455
50.3
30Q
3000 K
0.4305
0.3935
0.00834
0.00408
53.2
30U
3000 K
0.4274
0.3837
0.00834
0.00408
53.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com