Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMB1818 Datasheet(PDF) 13 Page - Cree LED

Part # CMB1818
Description  XLamp® CMB1818 Pro9™ LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1818 Datasheet(HTML) 13 Page - Cree LED

Back Button CMB1818 Datasheet HTML 9Page - Cree LED CMB1818 Datasheet HTML 10Page - Cree LED CMB1818 Datasheet HTML 11Page - Cree LED CMB1818 Datasheet HTML 12Page - Cree LED CMB1818 Datasheet HTML 13Page - Cree LED CMB1818 Datasheet HTML 14Page - Cree LED CMB1818 Datasheet HTML 15Page - Cree LED CMB1818 Datasheet HTML 16Page - Cree LED CMB1818 Datasheet HTML 17Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
XLAMP® CMB1818 PRO9™ LED
© 2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree LED
logo are registered trademarks, and Pro9 is a trademark, of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS317
REV 1
13
MECHANICAL DIMENSIONS
Dimensions are in mm.
Tolerances unless otherwise specified: ±.13
x° ±1°
Meaning of LED marking
B1818N = 36‑V CMB1818 Pro9
P-X
1 X2 X3 X4 X5
X1
CCT
3 = 5000 K
5 = 4000 K
6 = 3500 K
7 = 3000 K
8 = 2700 K
X2
M = EasyWhite LED on
the black‑body line
Q = Specialty LED below
the black‑body line
U = Specialty LED below
the black‑body line
X3 X4 Flux bin
0A = Not binned into flux
bins
X5
CRI
U = 90 CRI min
Z = 95 CRI min
Tc measurement point: either the anode or cathode solder pad
13.35
12.00
2.60
17.85 ±0.2
2.61
5.09
5.09
R2.00
TOP VIEW
ANODE SIDE
R0.50
R0.50
OPTICAL MODEL ORIGIN
1.15 ±0.15
0.60 ±0.10
SIDE VIEW
OPTICAL MODEL ORIGIN
CMB1816/25
A
A
B
B
4
4
3
3
2
2
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com