Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBSS304PD Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PBSS304PD
Description  80 V, 3 A PNP low VCEsat (BISS) transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS304PD Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PBSS304PD Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBSS304PD Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PBSS304PD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 March 2009
12 of 15
NXP Semiconductors
PBSS304PD
80 V, 3 A PNP low VCEsat (BISS) transistor
11. Soldering
Fig 17. Reflow soldering footprint SOT457 (SC-74)
Fig 18. Wave soldering footprint SOT457 (SC-74)
solder lands
solder resist
occupied area
solder paste
sot457_fr
3.45
1.95
2.825
3.3
0.45
(6
×)
0.55
(6
×)
0.7
(6
×)
0.8
(6
×)
2.4
0.95
0.95
Dimensions in mm
sot457_fw
5.3
5.05
1.45
(6
×)
0.45
(2
×)
1.5
(4
×)
2.85
1.475
1.475
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com