Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJP60F5DPK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP60F5DPK
Description  600V - 40A - IGBT High Speed Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP60F5DPK Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP60F5DPK Datasheet HTML 1Page - Renesas Technology Corp RJP60F5DPK Datasheet HTML 2Page - Renesas Technology Corp RJP60F5DPK Datasheet HTML 3Page - Renesas Technology Corp RJP60F5DPK Datasheet HTML 4Page - Renesas Technology Corp RJP60F5DPK Datasheet HTML 5Page - Renesas Technology Corp RJP60F5DPK Datasheet HTML 6Page - Renesas Technology Corp RJP60F5DPK Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJP60F5DPK
Preliminary
R07DS0757EJ0100Rev.1.00
Page 2 of 6
May 31, 2012
Electrical Characteristics
(Tj = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
100
A
VCE = 600V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4
8
V
VCE = 10V, IC = 1 mA
VCE(sat)
1.37
1.8
V
IC = 40 A, VGE = 15V
Note2
Collector to emitter saturation voltage
VCE(sat)
1.7
V
IC = 80 A, VGE = 15V
Note2
Input capacitance
Cies
2780
pF
Output capacitance
Coes
100
pF
Reverse transfer capacitance
Cres
43
pF
VCE = 25 V
VGE = 0 V
f = 1 MHz
Total gate charge
Qg
—
74
—
nC
Gate to emitter charge
Qge
—
24
—
nC
Gate to collector charge
Qgc
—
26
—
nC
VGE = 15 V
VCC = 300 V
IC = 40 A
td(on)
53
ns
tr
77
ns
td(off)
90
ns
Switching time
tf
85
ns
IC = 30 A,
VCE = 400 V, VGE = 15 V
Rg = 5
 Note3,
Inductive load
Notes: 2. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com