Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9961 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9961_V01 Datasheet HTML 36Page - STMicroelectronics L9961_V01 Datasheet HTML 37Page - STMicroelectronics L9961_V01 Datasheet HTML 38Page - STMicroelectronics L9961_V01 Datasheet HTML 39Page - STMicroelectronics L9961_V01 Datasheet HTML 40Page - STMicroelectronics L9961_V01 Datasheet HTML 41Page - STMicroelectronics L9961_V01 Datasheet HTML 42Page - STMicroelectronics L9961_V01 Datasheet HTML 43Page - STMicroelectronics L9961_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
L9961 I2C peripheral is compliant to the I2C fast standard (400 kbit/s).
3.9.1
Clock polarity
Figure 11. I2C clock polarity
GADG220620221330SA
Data on SDA line is sampled upon SCL rising edge and it must fulfill tSU_DAT (setup) and tHD_DAT (hold)
constraints, while it is allowed to change during SCL low semi-period. A single bit is transferred per each clock
period.
3.9.2
START/STOP conditions
Figure 12. I2C START/STOP conditions
GADG220620221332SA
SDA
SCL
Start condition
Stop condition
S
P
Every communication window is defined within START and STOP conditions. These are always generated by the
master
•
A START condition corresponds to a SDA HI → LO transition while SCL is HIGH. The SCL must verify the
tSU_STA (setup) and tHD_STA (hold) constraints
–
When a START condition is detected an internal watchdog timer is reset and started
•
A STOP condition corresponds to a SDA LO → HI transition while SCL is HIGH. The SCL must verify the
tSU_STO (setup) and tHD_STO (hold) constraints
–
If the communication breaks or any issue occurs while a I2C frame is ongoing, the IC will be able to
re-engage after TI2C_TIMEOUT time.
After the STOP condition, the bus must be left idle for at least tBUF before issuing a new START condition. L9961
resets its I2C logic upon each START/STOP condition detection.
L9961
I2C communication interface
DS14012 - Rev 3
page 40/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com