Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG51001CTR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SLG51001CTR
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51001CTR Datasheet(HTML) 3 Page - Renesas Technology Corp

  SLG51001CTR Datasheet HTML 1Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 2Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 3Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 4Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 5Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 6Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 7Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 8Page - Renesas Technology Corp SLG51001CTR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SLG51001
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switch
Datasheet
Revision 3.01
10-May-2022
CFR0011-120-00
3 of 25
© 2022 Renesas Electronics Corporation
1
Block Diagram
SLG51001
Sup plies
LDO 1
VOUT 2.4 V to 3.3 V
IOUT_MAX 475 mA
LDO6
VOUT 0.5 V to 1.2 V
IOUT_MAX 1 A
or
Loa d Switch
VIN 0.5 V to 1.25 V
RON 40 mΩ
Reference
IO and Sup ply
Controller
CS
OTP
2. 2 µF
VO UT1
VDD
Digital Con tro l
LDO_CORE
GPIO1 to 2
10 µF
VOUT6
VIN6
GPIO3_SDA
GPI4_SCL
LDO 2
VOUT 1.2 V to 3.75 V
OUT_MAX 500 mA
0. 45 µF
VOUT2
LDO5
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
0. 45 µF
VO UT5
LDO3
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
0. 45 µF
VOUT3
VI N3_4
2
LDO4
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
0. 45 µF
VOUT4
VI N2_5
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com