Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X5645P Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X5645P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5645P Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X5645P Datasheet HTML 7Page - Renesas Technology Corp X5645P Datasheet HTML 8Page - Renesas Technology Corp X5645P Datasheet HTML 9Page - Renesas Technology Corp X5645P Datasheet HTML 10Page - Renesas Technology Corp X5645P Datasheet HTML 11Page - Renesas Technology Corp X5645P Datasheet HTML 12Page - Renesas Technology Corp X5645P Datasheet HTML 13Page - Renesas Technology Corp X5645P Datasheet HTML 14Page - Renesas Technology Corp X5645P Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
X5643, X5645 (Replaces X25643, X25645)
FN8135 Rev 1.00
Page 11 of 19
July 18, 2005
CAPACITANCE
TA = +25°C, f = 1MHz, VCC = 5V
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
A.C. CHARACTERISTICS
(Over recommended operating conditions, unless otherwise specified)
Serial Input Timing
Symbol
Test
Max.
Unit
Conditions
COUT(2)
Output Capacitance (SO, RESET/RESET)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI, CS, WP)6
pF
VIN = 0V
5V
Output
100pF
5V
4.6k
RESET/RESET
30pF
2.06k
3.03k
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x0.5
Symbol
Parameter
2.7-5.5V
Unit
Min.
Max.
fSCK
Clock frequency
0
2
MHz
tCYC
Cycle time
500
ns
tLEAD
CS lead time
250
ns
tLAG
CS lag time
250
ns
tWH
Clock HIGH time
200
ns
tWL
Clock LOW time
250
ns
tSU
Data setup time
50
ns
tH
Data hold time
50
ns
tRI(3)
Input rise time
100
ns
tFI(3)
Input fall time
100
ns
tCS
CS deselect time
500
ns
tWC(4)
Write cycle time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com