Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSPM4012B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSPM4012B
Description  High Efficiency 2A Synchronous Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4012B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSPM4012B Datasheet HTML 9Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 10Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 11Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 12Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 13Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 14Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 15Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 16Page - Renesas Technology Corp ZSPM4012B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ZSPM4012B Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 27, 2016
Figure 3.2
Monitor and Control Logic Functionality
TSD
Filter
VCC-UV
Filter
Internal
POR
Filter
Filter
EN
VOUT-UV
Filter
PG
ENABLE
REGULATOR
VOUT-OV
Filter
IOCD
OCD_Filter
TRI-STATE
VSW OUTPUT
3.2.
Internal Protection Details
3.2.1.
Internal Current Limit
The current through the high-side FET is sensed on a cycle-by-cycle basis, and if the current limit is reached, the
over-current detection (OCD) circuit will abbreviate the cycle. The device also senses the FB pin to identify hard
short conditions and will direct the VSW output to skip 4 cycles if the current limit occurs when FB is low. This
allows current built up in the inductor during the minimum on-time to decay sufficiently. The current limit is always
active when the regulator is enabled. Soft start ensures that current limit does not prevent regulator startup.
An additional feature of the over-current protection circuitry is that under extended over-current conditions, the
device will automatically disable. A simple toggle of the EN enable pin will return the device to normal operation.
3.2.2.
Thermal Shutdown
If the temperature of the die exceeds 170°C (typical), the thermal shutdown (TSD) circuit will set the VSW outputs
to the tri-state level to protect the device from damage. The PG and all other protection circuitry will stay active to
inform the system of the failure mode. If the ZSPM4012B cools to 160°C (typical), it will attempt to start up again,
following the normal soft start sequence. If the device reaches 170°C, the shutdown/restart sequence will repeat.
3.2.3.
Voltage Reference Soft-Start
The voltage reference in this device is ramped at a rate of 4ms to prevent the output from overshoot during
startup. This ramp restarts whenever there is a rising edge sensed on the EN pin. This occurs in both the fixed
and adjustable versions. During the soft start ramp, current limit is still active and still protects the device if the
output is shorted.
3.2.4.
VCC Under-Voltage Lockout
The ZSPM4012B is held in the off state until VCC reaches 4.3V (typical). See section 1.4 for the input hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com