Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C2952 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2952
Description  Low Voltage PLL Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2952 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2952 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2952 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8542A
01/30-06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2952
Low Voltage PLL Clock Driver
Absolute Maximum Ratings*
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
S3
.
0
–6
.
4
V
VI
e
g
a
t
l
o
V
t
u
p
n
I3
.
0
–V D
D
3
.
0
+
I N
I
t
n
e
r
r
u
C
t
u
p
n
I
0
2
±A
m
T
R
O
T
S
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
4
–5
2
1C
°
PLL Input Reference Characteristics (TA = 0°C to 70°C)
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
Un
o
i
t
i
d
n
o
C
tr t
, f
s
l
l
a
F
/
e
s
i
R
t
u
p
n
I
K
L
C
T0
.
3s
n
f f
e
r
y
c
n
e
u
q
e
r
F
t
u
p
n
I
e
c
n
e
r
e
f
e
R3
e
t
o
N3
e
t
o
Nz
H
M
f
C
D
f
e
r
e
l
c
y
C
y
t
u
D
t
u
p
n
I
e
c
n
e
r
e
f
e
R5
25
7%
*Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated
conditions is not implied.
3. Maximum and minimum input reference is limited by the VCO lock range and the feedback divider.
DC Characteristics (TA = 0°C to 70° C, VCC = 3.3V± 5%)
l
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cc
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
Mp
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
I0
.
26
.
3
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
I8
.
0
V H
O
I H
O
)
.
1
e
t
o
N
(
A
m
0
2
=e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
O4
.
2
V L
O
I L
O
)
.
1
e
t
o
N
(
A
m
0
2
=e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
O5
.
0
I N
I
.
2
e
t
o
Nt
n
e
r
r
u
C
t
u
p
n
I0
2
1
±
Α
μ
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I7
.
20
.
4
F
p
C D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P5
2
I C
C
t
n
e
r
r
u
C
c
i
t
a
t
S
C
C
I
l
a
t
o
Tt
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
m
u
m
i
x
a
M0
6
1
A
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
L
L
P5
10
2
Notes:
1. The PI6C2952 outputs can drive series- or parallel-terminated 50 ohms (or 50 ohms to VCC/2) transmission lines on the incident
edge (see Applications Info section).
2. Inputs have pull–up, pull–down resistors that affect input current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com