Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS299 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS299
Description  HIGH SPEED HIGH CURRENT QUAD SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS299 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS299 Datasheet HTML 1Page - Diodes Incorporated BAS299 Datasheet HTML 2Page - Diodes Incorporated BAS299 Datasheet HTML 3Page - Diodes Incorporated BAS299 Datasheet HTML 4Page - Diodes Incorporated BAS299 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS299
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Forward Continuous Current (Note 5)
Single diode loaded by design
Double diode loaded
IFM
430
300
mA
mA
Repetitive Peak Forward Current
IFRM
900
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
@ t = 1.0s
IFSM
9.0
3.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
300
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
100
V
IR = 2.5µA
Forward Voltage
VF
0.715
0.855
1.0
1.2
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
IF = 300mA
Reverse Current (Note 6)
IR
30
1
30
60
nA
µA
µA
µA
VR = 25V
VR = 100V
VR = 25V, TJ = +150°C
VR = 100V, TJ = +150°C
Total Capacitance
CT
3.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
6.0
ns
IF = IR = 10mA,
Irr = 0.1 × IR, RL = 100
Forward Recovery Voltage
Vfr
1.75
V
When Switched From
IF = 10mA, tr = 20ns
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
BAS299
Document number: DS41578 Rev.1 - 2
2 of 5
www.diodes.com
March 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com