Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELUMEESAQ3C02 Datasheet(PDF) 3 Page - ITT Industries

Part # ELUMEESAQ3C02
Description  Right Angle Illuminated Latching Pushbutton
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ELUMEESAQ3C02 Datasheet(HTML) 3 Page - ITT Industries

  ELUMEESAQ3C02 Datasheet HTML 1Page - ITT Industries ELUMEESAQ3C02 Datasheet HTML 2Page - ITT Industries ELUMEESAQ3C02 Datasheet HTML 3Page - ITT Industries ELUMEESAQ3C02 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C&K ELUM
TM Series
Right Angle Illuminated Latching Pushbutton
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
A–5
SA
RIGHT ANGLE, SURFACE MOUNT
1
2
3
5
4
.174 TYP.
(4,42)
.080 SQ. TYP.
(2,03)
.862
(21,89)
.428
(10,86)
FRONT EDGE OF SWITCH
PCB MOUNTING
.174 TYP.
(4,42)
.348
(8,84)
.070
(1,78)
1
2
3
5
4
.738
(18,74)
.062 DIA. TYP.
(1,57ø)
FRONT EDGE OF SWITCH
TH
RIGHT ANGLE, PC THRU-HOLE
.068 TYP
(1,73)
.115
(2,92)
.006
(0,15)
.745
(18,92)
PCB SURFACE
REF SURFACE
.120
(3,04)
.824
(20,94)
PCB SURFACE
REF SURFACE
Terminal 5 = LED Anode
Terminal 5 = LED Anode
CONTACT MATERIAL
OPTION CODE
CONTACT MATERIAL
TERMINAL PLATING
Q
SILVER WITH
GOLD FLASH
RATINGS
SILVER WITH
GOLD FLASH
250 mA
FIXED CONTACTS AND TERMINALS: Stainless steel, silver plated with gold flash
MOVABLE CONTACTS: Copper alloy, silver plated with gold flash
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
7
LED Super Blue
8
LED Bi-Color – Amber (Green)
9
LED Bi-Color – Green (Red)
OPTION
CODE
ILLUMINATION
TYPE
(NONE)
Model without illumination
1
LED Super White
3
LED Red
5
LED Amber
6
LED Green
ILLUMINATION
800
1,500
10
10
10
20
TYPICAL INTENSITY*
MIN
MAX
35
50
(mcd)
4,000
5,000
48
35
50
*LED FORWARD CURRENT: 20 mA
LED FORWARD VOLTAGE: 2.0 V TYP.
LED REVERSE VOLTAGE: 5.0 V MAX
* For information on specific and custom LED, please contact Customer Service.
PEAK
WAVELENGTH
(nm)
N/A
700
610
585/565
565
N/A
470
565/635
N/A
VIEWING
ANGLE
N/A
60º
30º
60º
60º
60º
60º
22º



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com