Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMS Datasheet(PDF) 1 Page - ITT Industries

Part # KMS
Description  Microminiature Side Actuated Tact Switch for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KMS Datasheet(HTML) 1 Page - ITT Industries

  KMS Datasheet HTML 1Page - ITT Industries KMS Datasheet HTML 2Page - ITT Industries KMS Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-8
B
Actuator
2 Standard
KMS Series
Microminiature Side Actuated Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Features/Benefits
• Compact size
• Excellent tactile feel
• Compatible with lead free soldering
• Grounded cover for EMC protection
• Date code marking
Typical Applications
• Mobile phones, pagers
• PDAs
• Medical handheld monitors
• Consumer electronics
• Telecommunication networks
Mechanical
MAXIMUM ACTUATING FORCE: 20 N (4.4lbs.) during 25,000 cycles.
ACTUATING FORCE: 2.5 N±25%
LIFE EXPECTANCY: 100,000 operations
TRAVEL TO MAKE: 0.3 mm±0.15 mm
TOTAL TRAVEL: 0.45 mm
SHEAR FORCE RESISTANCE: 50 N
Packaging
Switches are delivered in tape and reels of 3,000 pieces. The reel
diameter is 330 (12.992). The tape dimensions conform to the
EIA-RS-481 and EC-286-6 norms.
Specification
FUNCTION: Momentary
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: Gullwing type for SMT
IP40 Sealed
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Actuation Force
3 2.5 N (250 grams)
K
M
S
2
G
3
Contact Material
1 Silver
3 Gold
Termination
G Gullwing
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
50 VDC
50 VDC
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
DIELECTRIC STRENGTH: 250 VDC
LIFE EXPECTANCY: 100,000 operations
CONTACT RESISTANCE:
≤100 mΩ
INSULATION RESISTANCE: 109
Ω
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Compatible with infrared reflow, lead free soldering and
pick and place SMT machines.


Similar Part No. - KMS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMS CK-COMPONENTS-KMS Datasheet
191Kb / 2P
Microminiature SMT Side Actuated
logo
M-System Co.,Ltd.
KMS MSYSTEM-KMS Datasheet
98Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMS-0-G MSYSTEM-KMS-0-G Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMS-0-G/CE MSYSTEM-KMS-0-G/CE Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
KMS-0-G/K MSYSTEM-KMS-0-G/K Datasheet
99Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KMS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
KMX ITT-KMX Datasheet
180Kb / 2P
Microminiature Tact Switch for SMT
logo
C&K Components
KMS CK-COMPONENTS-KMS Datasheet
191Kb / 2P
Microminiature SMT Side Actuated
KMS231GLFS CK-COMPONENTS-KMS231GLFS Datasheet
515Kb / 2P
Microminiature SMT Side Actuated
logo
ITT Industries
KMR241GLFS ITT-KMR241GLFS Datasheet
167Kb / 2P
Microminiature Tact Switch for SMT
logo
C&K Components
PTS840 CK-COMPONENTS-PTS840_V01 Datasheet
230Kb / 3P
Microminiature SMT Side Actuated
14 Nov 22
PTS841 CK-COMPONENTS-PTS841 Datasheet
263Kb / 2P
Microminiature SMT Side Actuated
14 Nov 22
KMS CK-COMPONENTS-KMS_V01 Datasheet
166Kb / 2P
Microminiature SMT Side Actuated
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com