| Electronic Components Datasheet Search |
|
ISL6421 Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6421 Datasheet(HTML) 8 Page - Renesas Technology Corp |
|
8 / 11 page ![]() ISL6421 FN9130 Rev 1.00 Page 8 of 11 Jul 2004 Every byte put on the SDA line must be 8-bits long. The number of bytes that can be transmitted per transfer is unrestricted. Each byte has to be followed by an acknowledge bit. Data is transferred with the most significant bit first (MSB). Acknowledge The master (microprocessor) puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (Figure 3). The peripheral that acknowledges has to pull down (LOW) the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse. (Of course, set-up and hold times must also be taken into account.) The peripheral which has been addressed has to generate an acknowledge after the reception of each byte, otherwise the SDA line remains at the HIGH level during the ninth clock pulse time. In this case, the master transmitter can generate the STOP information in order to abort the transfer. The ISL6421 will not generate the acknowledge if the POWER OK signal from the UVLO is LOW. Transmission Without Acknowledge Avoiding detection of the acknowledgement, the microprocessor can use a simpler transmission; it waits one clock without checking the slave acknowledging, and sends the new data. This approach, though, is less protected from error and decreases the noise immunity. ISL6421 Software Description Interface Protocol The interface protocol is comprised of the following, as shown below in Table 2: • A start condition (S) • A chip address byte (MSB on left; the LSB bit determines read (1) or write (0) transmission) (the assigned I2C slave address for the ISL6421 is 0001 00XX) • A sequence of data (1 byte + Acknowledge) • A stop condition (P) Transmitted Data (I2C bus WRITE mode) When the R/W bit in the chip is set to 0, the main microprocessor can write on the system register (SR1) of the ISL6421 via I2C bus. These will be written by the microprocessor as shown below. SDA SCL FIGURE 3. ACKNOWLEDGE ON THE I2C BUS 1 2 8 9 ACKNOWLEDGE FROM SLAVE MSB START TABLE 2. INTERFACE PROTOCOL S 000 1000 R/W ACK Data (8 bits) ACK P TABLE 3. SYSTEM REGISTER 1 (SR1) R, W R, W R, W R, W R, W R, W R, W R SR1 DCL X ENT1 LLC1 VSEL1 EN1 OLF1 TABLE 4. SYSTEM REGISTER 2 (SR2) R, W R, W R, W R, W R, W R, W R R SR2 X X X X EN2 OTF X System Register Format • R, W = Read and Write bit • R = Read-only bit All bits reset to 0 at Power-On |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |