Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6560CBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6560CBZ
Description  Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6560CBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6560CBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6560CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL6560
FN9011 Rev 3.00
Page 2 of 13
October 22, 2004
Block Diagram
Simplified Power System Diagram
Functional Pin Description
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4)
and VID0 (Pin 5)
Voltage Identification inputs from microprocessor. These pins
respond to TTL and 3.3V logic signals. The ISL6560 decodes
VID bits to establish the output voltage. See Table 1.
COMP (Pin 6)
Output of the internal transconductance error amplifier.
Voltage at this pin sets the output current level of the current
sense comparator. Pulling this pin to ground disables the
oscillator and drives both PWM outputs low.
FB (Pin 7)
Inverting input of the internal transconductance error
amplifier.
CT (Pin 8)
A capacitor on this pin sets the frequency of the internal
oscillator.
GND (Pin 9)
All signals are referenced to this bias and reference ground pin.
PWRGD (Pin 10)
This pin is an internal open drain connection. A high voltage
level at this pin with a resistor connected to this pin and VCC
indicates that CORE voltage is at the proper level,
CS+ (Pin 11) and CS- (Pin 14)
These inputs monitor the supply current to the upper
MOSFETs. CS+ is connected directly to the decoupled
supply voltage and current sensing resistor. CS- is
connected to the other end of the current sensing resistor
and the upper MOSFET drains.
PWM2 (Pin 12) and PWM1 (Pin 13)
PWM outputs that are connected to the gate driver ICs.
REF (Pin 15)
Three volt supply used to bias the output of the
transconductance amplifier.
V
CC (Pin 16)
Connect this bias supply pin to a 12V supply.
D/A
UV
OVP
E/A
CMP
PWM1
PWM2
CS+
CS-
GND
REF
VCC
FB
VID4
VID3
VID2
VID1
VID0
COMP
OSCILLATOR
X1.24
PWRGD
3V REFERENCE
BIAS CIRCUITS
UVLO and
CT
CONTROL
LOGIC
+
-
+
-
+
-
X 0.82
+
-
SYNCHRONOUS
ISL6560
MICROPROCESSOR
FB
VID
RECTIFIED BUCK
CHANNEL
SYNCHRONOUS
RECTIFIED BUCK
CHANNEL
PWM 1
PWM 2
VID4
VID3
VID2
VID1
VID0
CT
PWRGD
REF
PWM1
PWM2
VCC
FB
CS-
COMP
CS+
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com