Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8205MEVAL1Z Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL8205MEVAL1Z
Description  5A Single Channel High Efficiency DC/DC Step-Down Power Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8205MEVAL1Z Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL8205MEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 19Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 20Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 21Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 22Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 23Page - Renesas Technology Corp ISL8205MEVAL1Z Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ISL8205M
FN8755 Rev 4.01
Page 20 of 25
Jun 24, 2022
Package Description
The ISL8205M is integrated into a Quad Flatpack No-Lead (QFN)
package. This package has such advantages as good thermal
and electrical conductivity, low weight and small size. The QFN
package is applicable for surface mounting technology and is
becoming more common in the industry. The ISL8205M is a
copper leadframe based package with exposed copper thermal
pads, which have good electrical and thermal conductivity. The
copper leadframe and multicomponent assembly are
overmolded with polymer mold compound to protect these
devices.
The package outline, typical PCB layout pattern and typical
stencil pattern design are shown in the L22.4.5x7.5 “Package
Outline Drawing” on page 22. TB493 shows typical reflow profile
parameters. These guidelines are general design rules. Users can
modify parameters according to specific applications.
PCB Layout Pattern Design
The bottom of ISL8205M is a leadframe footprint, which is
attached to the PCB by surface mounting. The PCB layout pattern
is shown in the L22.4.5x7.5 “Package Outline Drawing” on
page 22. The PCB layout pattern is essentially 1:1 with the QFN
exposed pad and the I/O termination dimensions, except that the
PCB lands are slightly longer than the QFN terminations by about
0.2mm (0.4mm maximum). This extension allows for solder
filleting around the package periphery and ensures a more
complete and inspectable solder joint. The thermal lands on the
PCB layout should match 1:1 with the package exposed die pads.
Thermal Vias
A grid of 1.0mm to 1.2mm pitched thermal vias, which drops
down and connects to buried copper planes, should be placed
under the thermal land. The vias should be about 0.3mm to
0.33mm in diameter, with the barrel plated to about 2.0 ounce
copper. Although adding more vias (by decreasing pitch)
improves thermal performance, it also diminishes results as
more vias are added. Use only as many vias as needed for the
thermal land size and as your board design rules allow.
Stencil Pattern Design
Reflowed solder joints on the perimeter I/O lands should have
about a 50µm to 75µm (2 mil to 3 mil) standoff height. The
solder paste stencil design is the first step in developing
optimized, reliable solder joins. The stencil aperture size to land
size ratio should typically be 1:1. Aperture width may be reduced
slightly to help prevent solder bridging between adjacent I/O
lands.
To reduce solder paste volume on the larger thermal lands, an
array of smaller apertures instead of one large aperture is
recommended. The stencil printing area should cover 50% to
80% of the PCB layout pattern. Consider the symmetry of the
whole stencil pattern when designing the pads.
A laser-cut, stainless-steel stencil with electropolished
trapezoidal walls is recommended. Electropolishing smooths the
aperture walls, resulting in reduced surface friction and better
paste release, which reduces voids. Using a Trapezoidal Section
Aperture (TSA) also promotes paste release and forms a
brick-like paste deposit, which assists in firm component
placement.
Reflow Parameters
Due to the low mount height of the QFN, “No Clean” Type 3 solder
paste, per ANSI/J-STD-005, is recommended. Nitrogen purge is
also recommended during reflow. A system board reflow profile
depends on the thermal mass of the entire populated board,
thus, it is not practical to define a specific soldering profile just
for the QFN. The profile given in TB493 is provided as a guideline
to customize for varying manufacturing practices and
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com