Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD2CANFD27U-QCZ Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PESD2CANFD27U-QCZ
Description  ESD protection for In-vehicle networks
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2CANFD27U-QCZ Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESD2CANFD27U-QCZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD2CANFD27U-QCZ Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
PESD2CANFD27U-QC
ESD protection for In-vehicle networks
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT8009
MO-340CA
sot8009_po
19-12-04
19-12-06
Dimensions (mm are the original dimensions)
DFN1412D-3: plastic, leadless extremely thin small outline package with side-wettable flanks (SWF);
3 terminals; 0.8 mm pitch; 1.4 mm x 1.2 mm x 0.48 mm body
SOT8009
0
1 mm
scale
X
A
B
detail X
A1
3
pin 1
index area
A
u C
u C
(2)
(4x)
(1)
(1)
(1)
(1)
C
y1
D1
b
(2x)
A
C
B
v
C
w
1
2
e
T (4x)
Gx45°
K (2x)
L (2x)
E1
e2
e1
D
E
(2x)
(2x)
C
Seating plane
C
y
Note
1. Side Wettable Flank, protrusion max. 0.02 mm.
2. Visible depend upon used manufacturing technology.
Dimension A and T are including plating thickness.
Unit
mm
max
nom
min
0.50 0.04
1.25
A
A1
b
0.30
D1
E
E1
e
0.8
0.25
0.47
e1
0.71
1.4
1.2
e2
0.26
1.20
0.50
0.30
0.05
0.16
K
L
0.35
T
0.05
y
0.05
u
0.05
w
0.1
v
0.44
1.17
0.55
0.47
0.22
0.10
D
0.22
0.27
0.25
0.09
(ref)
G
y1
Fig. 12. Package outline DFN1412D-3 (SOT8009)
PESD2CANFD27U-QC
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
30 September 2020
8 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com