Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC705MC4MP Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC705MC4MP Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MC68HC705MC4MP Datasheet HTML 93Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 94Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 95Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 96Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 97Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 98Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 99Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 100Page - NXP Semiconductors MC68HC705MC4MP Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 180 page
background image
Pulse Width Modulator
PWM Registers
General Release Specification
Pulse Width Modulator
.
Figure 10-1. PWM Block Diagram
data register interlock mechanism is managed by mapping each data
register to an interlock address (PWMx-I) and a direct address
(PWMx-D). Writes to the interlock address will engage the interlock
mechanism. Writes to the direct address will not engage the interlock
mechanism unless it is already engaged prior to the write. A write to the
direct address will therefore take immediate effect (if the corresponding
update bit is set) or at the end of the current PWM cycle (if the
corresponding update bit is cleared).
MODULUS &
COMPARATOR B
MODULUS &
COMPARATOR A
BUFFER
8-BIT COUNTER
PWM CONTROL REGISTER B
PWM CONTROL REGISTER A
8-BIT COUNTER
OSC1
RA[2:0]
RA[3]
RB[2:0]
RB[3]
PWM DATA A
BUFFER
PWM DATA B
TO ENABLE
TO
PA1/PWMA1
PA3/PWMA2
PA5/PWMA3
MUX &
CLOCK
GENERATOR
÷ 1.5
CIRCUIT
(6 MHz)
÷ 1.5
CIRCUIT
PA2/PWMB1
PA4/PWMB2
PA6/PWMB3
PORT
LOGIC
MUX &
PORT
LOGIC
ENABLE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com