Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71030M Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL71030M
Description  Radiation Tolerant 5V 16-Channel Analog Multiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71030M Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL71030M Datasheet HTML 17Page - Renesas Technology Corp ISL71030M Datasheet HTML 18Page - Renesas Technology Corp ISL71030M Datasheet HTML 19Page - Renesas Technology Corp ISL71030M Datasheet HTML 20Page - Renesas Technology Corp ISL71030M Datasheet HTML 21Page - Renesas Technology Corp ISL71030M Datasheet HTML 22Page - Renesas Technology Corp ISL71030M Datasheet HTML 23Page - Renesas Technology Corp ISL71030M Datasheet HTML 24Page - Renesas Technology Corp ISL71030M Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISL71030M
6. Radiation Tolerance
R34DS0006EU0101 Rev.1.01
Page 21 of 24
Apr 12, 2021
6.2
Single-Event Effects Testing
The intense heavy ion environment encountered in space applications can cause a variety of Single-Event Effects
(SEE). SEE can lead to system-level performance issues including disruption, degradation, and destruction. For
predictable and reliable space system operation, individual electronic components should be characterized to
determine their SEE response. The following is a summary of the ISL71030M SEE testing.
6.2.1 SEE Test Facility
Testing was performed at the Texas A&M University (TAMU) Cyclotron Institute heavy ion facility on April 3, 2019.
The overall test setup includes the test jig containing four evaluation boards mounted and wired through a 20ft
cable to the data room. The end of the 20ft cable in the data room was connected to a switchboard. The
switchboard was wired to the power supplies and monitoring equipment/scopes.
6.2.2 SEE Test Setups
Testing the ISL71030M parts for damaging SEE (Single Event Burnout (SEB) and Single Event Latch-Up (SEL))
had the parts configured to select input 13 by applying the test voltage, VTEST, to address lines A2 and A3 and
GND to A0, A1, and EN-bar. This connected IN-13 to the output. The output was loaded with a 10kΩ resistor to
GND, and the input (IN-13) had a 10kΩ resistor to the test voltage, VTEST. This created a resistor divider that put
the output, OUT, at half of VTEST. The test voltage, VTEST, was also applied to the supply, V+, and to the inputs
9 to 16, excluding 13. The inputs 1 to 8 had GND applied to them. The parts tested for damaging SEE were
heated with a thin-film heater on the back of the PCB to attain a case temperature of 125°C.
Single Event Transients (SET) were tested with VTEST at 3.00V and 5.50V, the extremes of the suggested
operating range. For SET the parts were not heated and therefore were at the ambient of about 25°C. The
definition of a SET was a ±20mV movement of OUT from its nominal value of half VTEST. As with the SEB
testing, the part was configured to select input 13. However, unlike the SEB testing, the addressing was done with
applied voltages of 70% VREF on A2 and A3, and 30% VREF applied to A0, A1, and EN-bar. This was done to
place the addressing at low noise margin states as VREF was set to 3.00V. OUT had a 10kΩ resistor to GND and
IN 13 was supplied with VTEST through a 10kΩ resistor to again set OUT to half of VTEST.
6.2.3 Single Event Burnout and Latch-Up (SEB/L) Results
The test voltage, VTEST, was sequentially set to 6.50V, 6.75V, and 7.00V for three independent irradiations on
four parts. Before and after each irradiation the total current to V+ and VREF was measured along with the output
voltage, OUT. No deviations greater than 3% were registered for the currents, and no deviation of even 1% was
seen on OUT. The conclusion was that no permanent damage resulted from the irradiations as done.
6.2.4 SET Results
No SET were captured with the ±20mV criterion in the most recent testing. This result is inconsistent with previous
testing on a similar part. In the earlier testing, the ±20mV SET corresponded to cross sections of 419µm2 at
VTEST = 3.0V and 2020µm2 at VTEST = 5.5V. However, the nature of the SET captures was that a spike
transient triggered the capture at ±20mV but the low frequency motion on the OUT node without the spike was
less than ±20mV. Examples are presented below from the previous testing. Thus, the captures previously were
dependent on the high-frequency coupling. A slight change in this could have dropped the SET below the trigger
point for the newer testing. Because there are no SET to examine for the newer testing, this is all supposition.
However, the older testing still represents a worst case estimate of the ISL71030M SET behavior. The previous
testing did provide evidence that the ±20mV SET vanished at an LET of 20MeV·cm2/mg. This should also apply
to the ISL71030M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com